Electronic Components Datasheet Search
  English  ▼

X  

MMBT2222AT Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMBT2222AT
Description  TRANSISTOR (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMBT2222AT Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMBT2222AT Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT2222AT Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT2222AT Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
Rev 2.0 :
www.leiditech.com
2/3
0.1
1
10
1
10
100
0.1
1
10
100
0
100
200
300
400
500
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
0
25
50
75
100
125
150
0
50
100
150
200
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
02
468
10
12
0.00
0.05
0.10
0.15
0.20
0.25
1
10
100
0.0
0.4
0.8
1.2
f=1MHz
I
E
=0/ I
C
=0
T
a
=25℃
20
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ob
C
ib
REVERSE VOLTAGE
V
(V)
COMMON EMITTER
V
CE
=10V
600
I
C
T
a
=25℃
T
a
=100℃
COLLECTOR CURRENT
I
C
(mA)
100
10
V
BE
I
C
——
COMMON EMITTER
V
CE
=10V
600
T
a
=100℃
T
a
=25℃
BASE-EMMITER VOLTAGE V
BE
(V)
P
c
——
T
a
AMBIENT TEMPERATURE
Ta
(
)
℃
h
FE
——
600
β=10
T
a
=100℃
T
a
=25℃
I
C
V
CEsat
——
COLLECTOR CURRENT
I
C
(mA)
Static Characteristic
1mA
0.9mA
0.8mA
0.7mA
0.6mA
0.5mA
0.4mA
0.3mA
0.2mA
I
B
=0.1mA
COMMON EMITTER
T
a
=25℃
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
600
β=10
I
C
V
BEsat
——
T
a
=100℃
T
a
=25℃
COLLECTOR CURRENT
I
C
(mA)
80
500
I
C
f
T
——
COMMON EMITTER
V
CE
=20V
Ta=25℃
COLLECTOR CURRENT
I
C
(mA)
MMBT2222AT
01.06.2021



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com