Electronic Components Datasheet Search
  English  ▼

X  

MMBT2222AT Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMBT2222AT
Description  TRANSISTOR (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMBT2222AT Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMBT2222AT Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT2222AT Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT2222AT Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBT2222AT
Rev 2.0 :
www.leiditech.com
01.06.2021
1/3
SOT-523 Plastic-Encapsulate Transistors
TRANSISTOR (NPN)
FEATURES
Complementary to MMBT2907AT
Small Package
MARKING:1P
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=10µA, IE=0
75
V
Collector-emitter breakdown voltage
V(BR)CEO IC=10mA, IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA, IC=0
6
V
Collector cut-off current
ICEX
VCE=60V, VEB(off)=3V
10
nA
hFE(1)
VCE=10V, IC=0.1mA
35
hFE(2)
VCE=10V, IC=1mA
50
hFE(3)
VCE=10V, IC=10mA
75
hFE(4)
VCE=10V, IC=150mA
100
300
DC current gain
hFE(5)
VCE=10V, IC=500mA
40
IC=150mA, IB=15mA
0.3
V
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB=50mA
1
V
IC=150mA, IB=15mA
1.2
V
Collector-emitter saturation voltage
VBE(sat)
IC=500mA, IB=50mA
2
V
Transition frequency
fT
VCE=20V,IC=20mA, f=100MHz
300
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
8
pF
Delay time
td
VCC=30V, VBE(off)=-0.5V IC=150mA,
IB1=15mA
10
ns
Rise time
tr
VCC=30V, VBE(off)=-0.5V IC=150mA,
IB1=15mA
25
ns
Storage time
ts
VCC=30V, IC=150mA, IB1=IB2=15mA
225
ns
Fall time
tf
VCC=30V, IC=150mA, IB1= IB2=15mA
60
ns
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
75
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
600
mA
PC
Collector Power Dissipation
150
mW
RΘJA
Thermal Resistance from Junction to Ambient
833
℃/W
TJ,Tstg
Operation Junction and
Storage Temperature Range
-55~+150
℃
SOT–523
1. BASE
2. EMITTER
3. COLLECTOR


Similar Part No. - MMBT2222AT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT2222AT DIODES-MMBT2222AT Datasheet
57Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30268 Rev. 2 - 2
logo
Weitron Technology
MMBT2222AT WEITRON-MMBT2222AT Datasheet
99Kb / 5P
Plastic-Encapsulate Transistors NPN Silicon
logo
Diodes Incorporated
MMBT2222AT DIODES-MMBT2222AT Datasheet
172Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30268 Rev. 8 - 2
logo
Micro Commercial Compon...
MMBT2222AT MCC-MMBT2222AT Datasheet
113Kb / 3P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBT2222AT DIODES-MMBT2222AT Datasheet
182Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 10 - 2
More results

Similar Description - MMBT2222AT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com