Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4622
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4622 Datasheet HTML 7Page - Analog Devices LTM4622 Datasheet HTML 8Page - Analog Devices LTM4622 Datasheet HTML 9Page - Analog Devices LTM4622 Datasheet HTML 10Page - Analog Devices LTM4622 Datasheet HTML 11Page - Analog Devices LTM4622 Datasheet HTML 12Page - Analog Devices LTM4622 Datasheet HTML 13Page - Analog Devices LTM4622 Datasheet HTML 14Page - Analog Devices LTM4622 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTM4705
11
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 3. Input RMS Current Ratios to DC Load Current as a Function of Duty Cycle
a graph is displayed representing the RMS ripple cur-
rent reduction as a function of the number of interleaved
phases. Figure 3 shows this graph.
Soft-Start and Output Voltage Tracking
The TRACK/SS pin provides a means to either soft-start
the regulator or track it to a different power supply. A
capacitor on the TRACK/SS pin will program the ramp rate
of the output voltage. An internal 1.4µA current source
will charge up the external soft-start capacitor towards
INTVCC voltage. When the TRACK/SS voltage is below
0.6V, it will take over the internal 0.6V reference voltage
to control the output voltage. The total soft-start time can
be calculated by Equation 8.
tSS = 0.6 •
CSS
1.4µA
(8)
where CSS is the capacitance on the TRACK/SS pin.
Current foldback and force continuous mode are disabled
during the soft-start process.
Output voltage tracking can also be programmed
externally using the TRACK/SS pin. The output can be
tracked up and down with another regulator. Figure 4 and
Figure 5 show an example waveform and schematic of a
Ratiometric tracking where the slave regulator’s output
slew rate is proportional to the master’s.
Since the slave regulator’s TRACK/SS is connected to
the master’s output through a RTR(TOP) /RTR(BOT) resistor
divider and its voltage used to regulate the slave output
voltage when TRACK/SS voltage is below 0.6V, the slave
output voltage and the master output voltage should sat-
isfy Equation 9 during the start-up.
VOUT(SL) •
RFB(SL)
RFB(SL) +60.4k
=
VOUT(MA) •
RTR(TOP)
RTR(TOP) +RTR(BOT)
(9)
The RFB(SL) is the feedback resistor and the RTR(TOP)/
RTR(BOT) is the resistor divider on the TRACK/SS pin of
the slave regulator, as shown in Figure 5.
0.75 0.8
4705 F03
0.7
0.65
0.6
0.55
0.5
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.85 0.9
DUTY FACTOR (VOUT/VIN)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
1-PHASE
2-PHASE
3-PHASE
4-PHASE
6-PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com