Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4622
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 3 Page - Analog Devices

  LTM4622 Datasheet HTML 1Page - Analog Devices LTM4622 Datasheet HTML 2Page - Analog Devices LTM4622 Datasheet HTML 3Page - Analog Devices LTM4622 Datasheet HTML 4Page - Analog Devices LTM4622 Datasheet HTML 5Page - Analog Devices LTM4622 Datasheet HTML 6Page - Analog Devices LTM4622 Datasheet HTML 7Page - Analog Devices LTM4622 Datasheet HTML 8Page - Analog Devices LTM4622 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM4705
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4705 is tested under pulsed load conditions such that TJ ≈
TA. The LTM4705E is guaranteed to meet performance specifications over
the 0°C to 125°C internal operating temperature range. Specifications over
the full –40°C to 125°C internal operating temperature range are assured
by design, characterization and correlation with statistical process controls.
The LTM4705I is guaranteed to meet specifications over the full –40°C
to 125°C internal operating temperature range. Note that the maximum
ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal resistance and other environmental factors.
Note 3: See output current derating curves for different VIN, VOUT and TA.
Note 4: 100% tested at wafer level.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS(VIN)
Input Supply Current
VIN1 = VIN2 = 12V, VOUT = 1.5V, IOUT = 5A
0.74
A
IOUT(DC)
Output Continuous Current Range
VIN1 = VIN2 = 12V, VOUT = 1.5V (Note 3)
l
0
5
A
ΔVOUT(Line)/
VOUT
Line Regulation Accuracy
VOUT = 1.5V, VIN1 = VIN2 = 3.1V to 20V, IOUT = 0A
l
0.01
0.1
%/V
ΔVOUT(Load)/
VOUT
Load Regulation Accuracy
VOUT = 1.5V, IOUT = 0A to 5A
l
0.2
0.8
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100µF Ceramic, VIN1 = VIN2 = 12V, VOUT
= 1.5V
8
mV
ΔVOUT(START) Turn-On Overshoot
IOUT = 0A, COUT = 100µF Ceramic, VIN1 = VIN2 = 12V, VOUT
= 1.5V
15
mV
tSTART
Turn-On Time
COUT = 100µF Ceramic, No Load, TRACK/SS = 0.01µF, VIN
= 12V, VOUT = 1.5V
5
ms
ΔVOUTLS
Peak Deviation for Dynamic Load
Load: 0% to 25% to 0% of Full Load, COUT = 100µF
Ceramic, VIN = 12V, VOUT = 1.5V
30
mV
tSETTLE
Settling Time for Dynamic Load Step Load: 0% to 25% to 0% of Full Load, COUT = 100µF
Ceramic, VIN = 12V, VOUT = 1.5V
70
µs
IOUTPK
Output Current Limit
VIN = 12V, VOUT = 1.5V
6
A
VFB
Voltage at VFB Pin
IOUT = 0A, VOUT = 1.5V
l
0.592
0.6
0.608
V
IFB
Current at VFB Pin
(Note 4)
±30
nA
RFBHI
Resistor Between VOUT and VFB Pins
60
60.4
60.8
kΩ
UVLO
VIN Undervoltage Lockout
VIN Falling
Hysteresis
2.2
2.4
0.5
2.6
V
V
ITRACK/SS
Track Pin Soft-Start Pull-Up Current
TRACK/SS = 0V
1.4
µA
tss
Internal Soft-Start Time
10% to 90% Rise Time (Note 4)
1000
µs
tON(MIN)
Minimum On-Time
(Note 4)
30
ns
tOFF(MIN)
Minimum Off-Time
(Note 4)
100
ns
VPGOOD
PGOOD Trip Level
VFB with Respect to Set Output
VFB Ramping Negative
VFB Ramping Positive
–10
–8
8
–5
10
%
%
RPGOOD
PGOOD Pull-Down Resistance
10mA Load
25
Ω
VINTVCC
Internal VCC Voltage
VIN1 = VIN2 = 3.6V to 20V
3.1
3.3
3.5
V
VINTVCC
Load Reg
INTVCC Load Regulation
ICC = 0mA to 50mA
1.3
%
FREQ
Default Switching Frequency
1
MHz
VSYNC/MODE SYNC/MODE High Threshold
SYNC/MODE Low Threshold
MODE VIH
MODE VIL
1
0.3
V
V
IMODE
SYNC/MODE Input Current
MODE = 0V
MODE = INTVCC
1.5
–1.5
µA
µA
The l denotes the specifications which apply over the full operating
temperature range (Note 2), otherwise specifications are at TA = 25°C (Note 2), VIN1 = VIN2 = 12V, unless otherwise noted per the
typical application shown in Figure 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com