Electronic Components Datasheet Search
  English  ▼

X  

LTM4662 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4662
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4662 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4662 Datasheet HTML 16Page - Analog Devices LTM4662 Datasheet HTML 17Page - Analog Devices LTM4662 Datasheet HTML 18Page - Analog Devices LTM4662 Datasheet HTML 19Page - Analog Devices LTM4662 Datasheet HTML 20Page - Analog Devices LTM4662 Datasheet HTML 21Page - Analog Devices LTM4662 Datasheet HTML 22Page - Analog Devices LTM4662 Datasheet HTML 23Page - Analog Devices LTM4662 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTM4705
21
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 25. 8VIN to 20VIN, 3.3V and 5V Output at 5A with 2MHz Switching Frequency
Figure 26. 3.3VIN, 1.5V and 1.2V Output at 5A Design with Output Coincident Tracking
0.1µF
40.2k
4705 F26
44µF
VIN
3.3V
VOUT1
1.5V, 5A
100µF
VOUT1
VOUT2
1.2V, 5A
100µF
VOUT2
FB1
COMP1
COMP2
GND
LTM4705
PGOOD1
PGOOD2
VIN2
VIN1
RUN1
RUN2
INTVCC
SYNC/MODE
TRACK/SS1
TRACK/SS2
FREQ
60.4k
FB2
60.4k
60.4k
VOUT1
0.1µF
0.1µF
13.3k
4705 F25
44µF
VIN
8V TO 20V
VOUT1
3.3V, 5A
100µF
VOUT1
VOUT2
5V, 5A
100µF
VOUT2
FB1
COMP1
COMP2
GND
LTM4705
PGOOD1
PGOOD2
VIN2
VIN1
RUN1
RUN2
INTVCC
SYNC/MODE
TRACK/SS1
TRACK/SS2
FREQ
8.25k
FB2
324k
100pF
100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com