Electronic Components Datasheet Search
  English  ▼

X  

LTM4662 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM4662
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4662 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM4662 Datasheet HTML 16Page - Analog Devices LTM4662 Datasheet HTML 17Page - Analog Devices LTM4662 Datasheet HTML 18Page - Analog Devices LTM4662 Datasheet HTML 19Page - Analog Devices LTM4662 Datasheet HTML 20Page - Analog Devices LTM4662 Datasheet HTML 21Page - Analog Devices LTM4662 Datasheet HTML 22Page - Analog Devices LTM4662 Datasheet HTML 23Page - Analog Devices LTM4662 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTM4705
24
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
10/21
www.analog.com
RELATED PARTS
PACKAGE PHOTO
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
PART NUMBER DESCRIPTION
COMMENTS
LTM4622
Dual 2.5A or Single 5A µModule Regulator
3.6V ≤ VIN ≤ 20V; 0.6V ≤ VOUT ≤ 5.5V; 6.25mm × 6.25mm × 1.82mm LGA,
2.42mm BGA
LTM4668/
LTM4668A
Configurable Quad 1.2A µModule Regulator
2.7V ≤ VIN ≤ 17V; 0.6V ≤ VOUT ≤ 1.8V (5.5V for LTM4668A);
6.25mm × 6.25mm × 2.1mm BGA
LTM4643
Configurable Quad 3A µModule Regulator
4V ≤ VIN ≤ 20V; 0.6V ≤ VOUT ≤ 3.3V; 9mm × 15mm × 1.82mm LGA, 2.42mm BGA
LTM4644
Configurable Quad 4A µModule Regulator
4V ≤ VIN ≤ 14V; 0.6V ≤ VOUT ≤ 5.5V; 9mm × 15mm × 5.01mm BGA
LTM4657
8A µModule Regulator; Pin Compatible with
LTM4626 and LTM4638
3.1V ≤ VIN ≤ 20V; 0.5V ≤ VOUT ≤ 5.5V; 6.25mm × 6.25mm × 3.87mm BGA
LTM4626
12A µModule Regulator. Pin Compatible with
LTM4657 and LTM4638
3.1V ≤ VIN ≤ 20V; 0.6V ≤ VOUT ≤ 5.5V; 6.25mm × 6.25mm × 3.87mm BGA
LTM4638
15A µModule Regulator; Pin Compatible with
LTM4657 and LTM4626
3.1V ≤ VIN ≤ 20V; 0.6V ≤ VOUT ≤ 5.5V; 6.25mm × 6.25mm × 5.02mm BGA
LTM4691
Dual, Low VIN 2A µModule Regulator
2.25V ≤ VIN ≤ 3.6V; 0.5V ≤ VOUT ≤ 2.5V; 3mm × 4mm × 1.18mm LGA,
1.48mm BGA
LTM4646
Dual 10A or Single 20A µModule Regulator
4.5V ≤ VIN ≤ 20V; 0.6V ≤ VOUT ≤ 5.5V; 11.25mm × 15mm × 5.01mm BGA
LTM4662
Dual 15A or Single 30A µModule Regulator
4.5V ≤ VIN ≤ 20V; 0.6V ≤ VOUT ≤ 5.5V; 11.25mm × 15mm × 5.74mm BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com