Electronic Components Datasheet Search
  English  ▼

X  

LTC7801 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC7801
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7801 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC7801 Datasheet HTML 17Page - Analog Devices LTC7801 Datasheet HTML 18Page - Analog Devices LTC7801 Datasheet HTML 19Page - Analog Devices LTC7801 Datasheet HTML 20Page - Analog Devices LTC7801 Datasheet HTML 21Page - Analog Devices LTC7801 Datasheet HTML 22Page - Analog Devices LTC7801 Datasheet HTML 23Page - Analog Devices LTC7801 Datasheet HTML 24Page - Analog Devices LTC7801 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC7862
21
Rev 0
For more information www.analog.com
DRVCC Regulators
The LTC7862 features two separate low dropout linear
regulators (LDO) that can supply power at the DRVCC
pin. The internal VIN LDO uses an internal P-channel
pass device between the VIN and DRVCC pins. The inter-
nal EXTVCC LDO uses an internal P-channel pass device
between the EXTVCC and DRVCC pins.
The DRVCC supply is regulated to 6V or 9V, depending on
how the DRVUV pin is set. The internal VIN and EXTVCC
LDOs can supply a peak current of at least 50mA. The
DRVCC pin must be bypassed to ground with a minimum
of 4.7μF ceramic capacitor. Good bypassing is needed
to supply the high transient currents required by the
MOSFET gate drivers.
The DRVUV pin programs the DRVCC supply voltage and
also selects different DRVCC UVLO and EXTVCC switchover
threshold voltages. Tables 2a and 2b summarize the dif-
ferent DRVUV pin configurations along with the voltage
settings that go with each configuration. Tying the DRVUV
pin to INTVCC programs DRVCC to 9V. Tying the DRVUV
pin to GND programs DRVCC to 6V.
Table 2a.
DRVUV PIN
DRVCC VOLTAGE
GND
6V
INTVCC
9V
Table 2b.
DRVUV
DRVCC UVLO
RISING/FALLING
THRESHOLDS
EXTVCC SWITCHOVER
RISING/FALLING
THRESHOLD
GND
4.0V/3.8V
4.7V/4.45V
INTVCC
7.5V/6.7V
7.7V/7.45V
APPLICATIONS INFORMATION
High input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the maxi-
mum junction temperature rating for the LTC7862 to be
exceeded. The DRVCC current, which is dominated by the
gate charge current, may be supplied by the VIN LDO, or
the EXTVCC LDO. When the voltage on the EXTVCC pin is
less than its switchover threshold (4.7V or 7.7V as deter-
mined by the DRVUV pin described above), the VIN LDO is
enabled. Power dissipation in this case is highest and is
equal to VIN • IDRVCC and is dissipated inside the IC. The
gate charge current is dependent on operating frequency.
When the voltage applied to EXTVCC rises above its
switchover threshold, the VIN LDO is turned off and the
EXTVCC LDO is enabled. The EXTVCC LDO remains on as
long as the voltage applied to EXTVCC remains above the
switchover threshold minus the comparator hysteresis.
The EXTVCC LDO attempts to regulate the DRVCC voltage
to the voltage as programmed by the DRVUV pin, so while
EXTVCC is less than this voltage, the LDO is in dropout
and the DRVCC voltage is approximately equal to EXTVCC.
When EXTVCC is greater than the programmed voltage,
up to an absolute maximum of 14V, DRVCC is regulated
to the programmed voltage.
Using the EXTVCC LDO allows the MOSFET driver and
control power to be derived from the LTC7862’s switch-
ing regulator output (4.7V/7.7V ≤ VOUT ≤ 14V). If more
current is required through the EXTVCC LDO than is speci-
fied, an external Schottky diode can be added between the
EXTVCC and DRVCC pins. In this case, do not apply more
than 10V to the EXTVCC pin and make sure that EXTVCC
≤ VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com