Electronic Components Datasheet Search
  English  ▼

X  

LTC7801 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC7801
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7801 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC7801 Datasheet HTML 20Page - Analog Devices LTC7801 Datasheet HTML 21Page - Analog Devices LTC7801 Datasheet HTML 22Page - Analog Devices LTC7801 Datasheet HTML 23Page - Analog Devices LTC7801 Datasheet HTML 24Page - Analog Devices LTC7801 Datasheet HTML 25Page - Analog Devices LTC7801 Datasheet HTML 26Page - Analog Devices LTC7801 Datasheet HTML 27Page - Analog Devices LTC7801 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC7862
24
Rev 0
For more information www.analog.com
Thermal Considerations
The sustained or static power loss in normal pass-through
operation must be limited to ensure suitable maximum
component temperatures during all normal operating con-
ditions. The temperature rise of a switching surge stopper
is best measured empirically. Power loss for the pass-
through power path is I2RSW-ON and may be calculated
according to the equation below.
I2RSW-ON = I2 • (RSENSE + RDS(ON)(TOPMOSFET) + RINDUCTOR)
The dynamic or transient power loss during switching
operation is of concern with respect to component tem-
perature rise and is principally managed by the timer func-
tion which sets a maximum time in this mode. Thermal
mass and thermal resistance play key roles in determining
the peak temperatures of components at the point in time
when the timer cycles off and shuts down.
Worst-case operation for a single fault shorted output is
typically with the input voltage in the high normal operat-
ing range and the output shorted. For this condition, the
bottom synchronous MOSFET is typically the hottest com-
ponent, as it conducts nearly all the peak current at a high
duty cycle. Worst-case operation for a single fault input
voltage surge is with the input at the maximum expected
input voltage and the maximum operational load current.
An input voltage surge and output short is a double fault
and may not be required. Specific fault testing and design
margin is determined by system requirements.
Thermal evaluation and timer setting can be most easily
done empirically by observing key component tempera-
tures dynamically in various fault conditions. Observe
peak temperatures with an instrument with sufficient
bandwidth to track temperatures, such as an infrared (IR)
camera. One with video capability is ideal.
Set a maximum temperature rise goal based on compo-
nent maximum junction temperature ratings, maximum
expected ambient temperature, and allowed junction to
case temperature rise. Start at lower input voltages and/
or longer TMR timer settings and change after empirical
system verification and measurement.
APPLICATIONS INFORMATION
Fault Timer (TMR)
The LTC7862 is a switching surge stopper. The LTC7862
switches only during startup, during an overcurrent fault,
and/or during an input overvoltage surge. The primary
function of a switching surge stopper is to limit the output
to a programmed maximum voltage during an input volt-
age surge. Limiting the output voltage “surge stops” the
input voltage surge and prevents it from propagating to
the system and potentially causing damage.
The switching surge stopper external components are
typically optimized to minimize the total resistance in nor-
mal (dropout) operation when the top MOSFET is on con-
tinuously. The LTC7862’s fault timer is used to limit the
time spent switching. The fault timer is programmed to
allow the switching surge stopper components to operate
within a safe temperature range with the increased power
losses incurred during switching. Since the LTC7862 timer
may stop switching before reaching thermal equilibrium,
the power rating can be significantly increased compared
to what could be achieved without a timer. Likewise, for
a given output power rating, a smaller, cooler, and less
costly solution can be achieved by using the timer.
Connecting a capacitor from the TMR pin to ground
sets the amount of time that the LTC7862 is allowed to
switch. This same capacitor also sets a cooldown period
before the LTC7862 is allowed to switch again. During
normal operation, a 1.1µA current source pulls down on
the TMR pin. While the LTC7862 is switching, a 40µA
current source pulls up on the TMR pin. If the TMR pin is
charged up to 2.19V, the LTC7862 stops switching with
both external MOSFETs held off (TG and BG held low).
This limits the switching time to:
TSWITCHING = 2.19V • CTMR /40µA
If the LTC7862 returns to normal operation before the
timer reaches 2.19V, the 1.1µA pull-down current source
discharges TMR, and the LTC7862 is allowed to switch
immediately if conditions warrant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com