Electronic Components Datasheet Search
  English  ▼

X  

FSS Datasheet(PDF) 4 Page - Schurter Inc.

Part # FSS
Description  AC Filter 2-Stage, Very High Symmetrical Attenuationl
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FSS Datasheet(HTML) 4 Page - Schurter Inc.

  FSS Datasheet HTML 1Page - Schurter Inc. FSS Datasheet HTML 2Page - Schurter Inc. FSS Datasheet HTML 3Page - Schurter Inc. FSS Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
1-Phase Line Filters
FSS
https://www.schurter.com /PG84
EMC Products
Rated Current
[A]
Filter-Type
Leakage Cur-
rent [mA]
L1 [mH] L2 [mH] L3 [mH] Cx1 [
μF] Cx2 [μF] Cy1 [nF] Cy2 [nF] R [MΩ] Weight
[g]
Housing
Order Number
1
Standard version
0.25
2 x 15
1
-
0.1
0.47
1.5
1
1
121 g
10
5500.2051
2
Standard version
0.25
2 x 10
0.4
0.4
0.1
0.47
1.5
1
1
121 g
10
5500.2052
█
3
Standard version
0.25
2 x 12
1
-
0.1
0.68
1.5
1
1
275 g
48
5500.2053
█
4
Industrial version
1.4
2 x 10
0.8
-
0.1
0.68
10
4.7
1
275 g
48
5500.2054
█
6
Industrial version
1.4
2 x 6
0.5
-
0.1
0.68
10
4.7
1
284 g
48
5500.2055
█
10
Industrial version
1.4
2 x 5
0.2
0.2
0.1
1
10
4.7
1
529 g
19
5500.2056
█
16
Industrial version
1.4
2 x 4
0.2
0.2
0.47
2.2
10
4.7
1
2000 g
27
5500.2057
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
10 Pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com