Electronic Components Datasheet Search
  English  ▼

X  

FSS Datasheet(PDF) 1 Page - Schurter Inc.

Part # FSS
Description  AC Filter 2-Stage, Very High Symmetrical Attenuationl
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FSS Datasheet(HTML) 1 Page - Schurter Inc.

  FSS Datasheet HTML 1Page - Schurter Inc. FSS Datasheet HTML 2Page - Schurter Inc. FSS Datasheet HTML 3Page - Schurter Inc. FSS Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
1-Phase Line Filters
FSS
https://www.schurter.com /PG84
EMC Products
AC Filter 2-Stage, Very High Symmetrical Attenuation
See below:
Approvals and Compliances
Description
- Line-filter in standard version
- 2 stage
- very high attenuation, broadband
Characteristics
- Designed for increased requirements
- 2-stage line filter with increased attenuation
Protection against interference voltage from the mains
Possible interferences generated in the equipment are strongly attenu-
ated
- Especially suitable for use in switching power supplies
e.g. in electronic designs with high repetitive switching frequency
- Suitable for use in equipment according to IEC/UL 62368-1
Applications
- Designed for increased requirements
- 2-stage line filter with increased attenuation
- Especially suitable for use in switching power supplies
- Suitable for use in equipment according to IEC/UL 62368-1
References
Alternative: Standard version
Weblinks
pdf data sheet, html datasheet, General Product Information, Approvals,
Distributor-Stock-Check, Detailed request for product, Microsite
Technical Data
Ratings IEC
1 - 16 A @ Ta 40 °C / 250 VAC; 50 Hz
Ratings UL/CSA
1 - 16 A @ Ta 40 °C / 125/250 VAC;
60 Hz
Leakage Current
industrial < 1.4 mA (250 V / 60 Hz)
Dielectric Strength
> 1.7 kVDC between L-N
> 2.7 kVDC between L/N-PE
Test voltage (2 sec)
Allowable Operation Tempe-
rature
-25 °C to 100 °C
Climatic Category
25/100/21 acc. to IEC 60068-1
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Quick connect terminals 6.3 x 0.8 mm /
screw terminals
Material: Housing
Nickel plated steel
Line Filter
Standard and Industrial Version, IEC
60939, UL 1283, CSA C22.2 no. 8
Technical Details
MTBF
> 200'000 h acc. to MIL-HB-217 F
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.


Similar Part No. - FSS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSS SCHURTER-FSS Datasheet
532Kb / 3P
AC Filter 2-Stage, Very High Symmetrical Attenuation
logo
Heyco.
FSS HEYCO-FSS Datasheet
132Kb / 1P
Break-Away Bumpers
logo
Festo Corporation.
FSS-12-C FESTO-FSS-12-C Datasheet
76Kb / 1P
Quickstepper
logo
Honeywell Solid State E...
FSS-SMT HONEYWELL-FSS-SMT Datasheet
213Kb / 6P
Low Profile Force Sensor
FSS-SMT HONEYWELL-FSS-SMT Datasheet
362Kb / 4P
Low Profile Force Sensor
More results

Similar Description - FSS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMW-52 SCHURTER-FMW-52 Datasheet
412Kb / 2P
AC Filter 2-Stage
FMW-150 SCHURTER-FMW-150 Datasheet
413Kb / 2P
AC Filter 3-Stage, Very High Broad Band Attenuation
FSS SCHURTER-FSS Datasheet
532Kb / 3P
AC Filter 2-Stage, Very High Symmetrical Attenuation
FSW SCHURTER-FSW Datasheet
587Kb / 3P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FMABNEO SCHURTER-FMABNEO Datasheet
693Kb / 6P
AC Filter, High Symmetrical Attenuation
FSW SCHURTER-FSW_17 Datasheet
396Kb / 4P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FMABNEO SCHURTER-FMABNEO_V01 Datasheet
1Mb / 13P
AC Filter, High Symmetrical Attenuation
FMW-150 SCHURTER-FMW-150_V01 Datasheet
285Kb / 3P
AC Filter 3-Stage, Very High Broad Band Attenuation
FSW SCHURTER-FSW_V01 Datasheet
495Kb / 5P
AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FMABNEO SCHURTER-FMABNEO_V02 Datasheet
1Mb / 13P
AC Filter, High Symmetrical Attenuation
23.11.2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com