Electronic Components Datasheet Search
  English  ▼

X  

DS1094LU Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1094LU
Description  Multiphase Spread-Spectrum EconOscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1094LU Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1094LU Datasheet HTML 1Page - Maxim Integrated Products DS1094LU Datasheet HTML 2Page - Maxim Integrated Products DS1094LU Datasheet HTML 3Page - Maxim Integrated Products DS1094LU Datasheet HTML 4Page - Maxim Integrated Products DS1094LU Datasheet HTML 5Page - Maxim Integrated Products DS1094LU Datasheet HTML 6Page - Maxim Integrated Products DS1094LU Datasheet HTML 7Page - Maxim Integrated Products DS1094LU Datasheet HTML 8Page - Maxim Integrated Products DS1094LU Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EconOscillator is a trademark of Maxim Integrated Products, Inc.
General Description
The DS1094L is a silicon oscillator that generates four
multiphase, spread-spectrum, square-wave outputs.
Frequencies between 2MHz and 31.25kHz can be out-
put in either two, three, or four-phase mode. The internal
master oscillator can be dithered by either 0, 2, 4, or
8% to reduce the amount of peak spectral energy at the
fundamental and harmonic clock frequencies. This signifi-
cantly reduces the amount of electromagnetic interference
(EMI) radiation that is generated at the system level.
The DS1094L is ideally suited as a clock generator for
switched-mode power supplies. The outputs generated by
the DS1094L are used by DC-DC circuitry to efficiently shift
voltages either up or down. The DS1094L can be pro-
grammed using the I2C-compatible, 2-wire serial interface
to select the output frequency, number of clock phases,
and dither rate, or optionally it can be shipped from the
factory custom programmed.
Applications
● Switch-Mode Power Supplies
● Servers
● Printers
Features
● EconOscillator™ with Two, Three, or Four Phase
Outputs
● Ideally Suited as the Clock Generator for Switch-
Mode Power Supplies
● Output Frequencies Programmable from 2MHz to
31.25kHz
● Dithered Output Significantly Reduces EMI
Emissions
● No External Timing Components Required
● Nonvolatile (NV) Configuration Settings
● User-Programmable—Factory Programmed Options
Available
● Operating Temperature Range: -40°C to +85°C
19-7628; Rev 2; 5/15
PART
TEMP RANGE
PIN-PACKAGE
DS1094LU
-40°C to +85°C
8 µSOP
OUT4
OUT3
GND
1
2
8
7
SCL
SDA
OUT2
VCC
OUT1
µSOP
TOP VIEW
3
4
6
5
DS1094L
VOUT
VIN
PHASE 1
PHASE 2
PHASE 3
DC-DC
STEP-DOWN
CONVERTER
OUT1
OUT2
OUT3
OUT4
GND
SCL
SDA
VCC
VCC
DS1094L
RPULLUP
THREE-PHASE
EXAMPLE WITH
DITHERED CLOCKS TO
REDUCE EMI
DC-DC
STEP-DOWN
CONVERTER
DC-DC
STEP-DOWN
CONVERTER
Ordering Information
Typical Operating Circuit
Pin Configuration
DS1094L
Multiphase Spread-Spectrum EconOscillator


Similar Part No. - DS1094LU

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1094LU DALLAS-DS1094LU Datasheet
590Kb / 11P
Multiphase Spread-Spectrum EconOscillator
More results

Similar Description - DS1094LU

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
DS1086 Spread-Spectrum EconOscillator
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
Multiphase Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com