Electronic Components Datasheet Search
  English  ▼

X  

DS1094LU Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1094LU
Description  Multiphase Spread-Spectrum EconOscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1094LU Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1094LU Datasheet HTML 1Page - Maxim Integrated Products DS1094LU Datasheet HTML 2Page - Maxim Integrated Products DS1094LU Datasheet HTML 3Page - Maxim Integrated Products DS1094LU Datasheet HTML 4Page - Maxim Integrated Products DS1094LU Datasheet HTML 5Page - Maxim Integrated Products DS1094LU Datasheet HTML 6Page - Maxim Integrated Products DS1094LU Datasheet HTML 7Page - Maxim Integrated Products DS1094LU Datasheet HTML 8Page - Maxim Integrated Products DS1094LU Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(VCC = +3.0V to 3.6V, TA = -40°C to +85°C, unless otherwise noted. Timing referenced to VIL(MAX) and VIH(MIN).)
(VCC = +3.0V to 3.6V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Master Oscillator Frequency
fMOSC
1
2
MHz
Output Frequency Tolerance
∆fOUT
VCC = 3.3V,
TA = +25°C (Note 8)
-2.5
+2.5
%
Voltage Frequency Variation
∆fOUT
TA = +25°C (Note 2)
-0.5
+0.5
%
Temperature Frequency Variation
∆fOUT
VCC = 3.3V (Note 2)
0 to +70°C
-1.1
+1.1
%
-40°C to +85°C
-2.5
+1.1
DAC Step Size
-0.75
+0.75
%
Peak-to-Peak Jitter (3σ)
P1:P0 = 11 (Note 3)
8
%
Load Capacitance
CL
15
50
pF
Output Duty Cycle (Note 4)
2 Phase
50
%
3 Phase
33.3
4 Phase
50
Power-Up Time
tPOR +
tSTAB
(Note 5)
0.1
0.5
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 6)
0
400
kHz
Bus Free Time Between Stop and
Start Conditions
tBUF
1.3
µs
Hold Time (Repeated) Start
Condition
tHD:STA
0.6
µs
Low Period of SCL
tLOW
1.3
µs
High Period of SCL
tHIGH
0.6
µs
Data Hold Time
tHD:DAT
0
0.9
µs
Data Setup Time
tSU:DAT
100
ns
Start Setup time
tSU:STA
0.6
µs
SDA and SCL Rise Time
tR
(Note 7)
20 +
0.1CB
300
ns
SDA and SCL Fall Time
tF
(Note 7)
20 +
0.1CB
300
ns
Stop Setup Time
tSU:STO
0.6
µs
SDA and SCL Capacitive Loading
CB
(Note 7)
400
pF
EEPROM Write Time
tWR
5
10
ms
Input Capacitance
CI
5
pF
AC Electrical Characteristics (See Figure 3)
AC Electrical Characteristics
www.maximintegrated.com
Maxim Integrated │ 3
DS1094L
Multiphase Spread-Spectrum EconOscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com