Electronic Components Datasheet Search
  English  ▼

X  

DS28E16 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS28E16
Description  1-Wire Secure SHA-3 Authenticator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28E16 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS28E16 Datasheet HTML 7Page - Maxim Integrated Products DS28E16 Datasheet HTML 8Page - Maxim Integrated Products DS28E16 Datasheet HTML 9Page - Maxim Integrated Products DS28E16 Datasheet HTML 10Page - Maxim Integrated Products DS28E16 Datasheet HTML 11Page - Maxim Integrated Products DS28E16 Datasheet HTML 12Page - Maxim Integrated Products DS28E16 Datasheet HTML 13Page - Maxim Integrated Products DS28E16 Datasheet HTML 14Page - Maxim Integrated Products DS28E16 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Search ROM[F0h]
When a system is initially brought up, the bus master
might not know the number of devices on the 1-Wire bus
or their ROM ID numbers. By taking advantage of the
wired-AND property of the bus, the master can use a pro-
cess of elimination to identify the ID of all slave devices.
For each bit in the ID number, starting with the least sig-
nificant bit, the bus master issues a triplet of time slots.
On the first slot, each slave device participating in the
search outputs the true value of its ID number bit. On the
second slot, each slave device participating in the search
outputs the complemented value of its ID number bit. On
the third slot, the master writes the true value of the bit
to be selected. All slave devices that do not match the
bit written by the master stop participating in the search.
If both of the read bits are zero, the master knows that
slave devices exist with both states of the bit. By choos-
ing which state to write, the bus master branches in the
search tree. After one complete pass, the bus master
knows the ROM ID number of a single device. Additional
passes identify the ID numbers of the remaining devices.
Refer to Application Note 187: 1-Wire Search Algorithm
for a detailed discussion, including an example.
Read ROM[33h]
The Read ROM command allows the bus master to read
the DS28E16’s 8-bit family code, unique 48-bit serial
number, and 8-bit CRC. This command can only be used
if there is a single slave on the bus. If more than one
slave is present on the bus, a data collision occurs when
all slaves try to transmit at the same time (open drain
produces a wired-AND result). The resultant family code
and 48-bit serial number result in a mismatch of the CRC.
Match ROM[55h]
The Match ROM command, followed by a 64-bit ROM
sequence, allows the bus master to address a specific
DS28E16 on a multidrop bus. Only the DS28E16 that
exactly matches the 64-bit ROM sequence responds
to the subsequent device function command. All other
slaves wait for a reset pulse. This command can be used
with a single device or multiple devices on the bus.
Skip ROM [CCh]
This command can save time in a single-drop bus system
by allowing the bus master to access the device functions
without providing the 64-bit ROM ID. If more than one
slave is present on the bus and, for example, a read com-
mand is issued following the Skip ROM command, data
collision occurs on the bus as multiple slaves transmit
simultaneously (open-drain pulldowns produce a wired-
AND result).
Resume [A5h]
To maximize the data throughput in a multidrop environ-
ment, the Resume command is available. This com-
mand checks the status of the RC bit and, if it is set,
directly transfers control to the device function com-
mands, similar to a Skip ROM command. The only way
to set the RC bit is through successfully executing the
Match ROM or Search ROM command. Once the RC bit
is set, the device can repeatedly be accessed through
the Resume command. Accessing another device on
the bus clears the RC bit, preventing two or more
devices from simultaneously responding to the Resume
command.
www.maximintegrated.com
Maxim Integrated │ 13
DS28E16
1-Wire Secure SHA-3 Authenticator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com