Electronic Components Datasheet Search
  English  ▼

X  

DS28E16 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS28E16
Description  1-Wire Secure SHA-3 Authenticator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28E16 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS28E16 Datasheet HTML 1Page - Maxim Integrated Products DS28E16 Datasheet HTML 2Page - Maxim Integrated Products DS28E16 Datasheet HTML 3Page - Maxim Integrated Products DS28E16 Datasheet HTML 4Page - Maxim Integrated Products DS28E16 Datasheet HTML 5Page - Maxim Integrated Products DS28E16 Datasheet HTML 6Page - Maxim Integrated Products DS28E16 Datasheet HTML 7Page - Maxim Integrated Products DS28E16 Datasheet HTML 8Page - Maxim Integrated Products DS28E16 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Voltage Range on Any Pin Relative to GND..........-0.5V to 4.0V
Maximum Current into Any Pin........................... -20mA to 20mA
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -40°C to +125°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
6 WLP
Package Code
Z60E1+1
Outline Number
21-100327
Land Pattern Number
Refer to
Application Note 1891
Thermal Resistance, Four-Layer Board:
Junction to Ambient (θJA)
95.15°C/W
Junction to Case (θJC)
N/A
6 TDFN-EP
Package Code
T633+2
Outline Number
21-0137
Land Pattern Number
90-0058
Thermal Resistance, Single-Layer Board:
Junction to Ambient (θJA)
55°C/W
Junction to Case (θJC)
9°C/W
Thermal Resistance, Four-Layer Board:
Junction to Ambient (θJA)
42°C/W
Junction to Case (θJC)
9°C/W
2 SFN (3.5mm x 5mm)
Package Code
S23A5N+1
Outline Number
21-0661
Land Pattern Number
90-0398
2 SFN (3.5mm x 6.5mm)
Package Code
T23A6N+1
Outline Number
21-0575
Land Pattern Number
90-0431
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board.
For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Package Information
www.maximintegrated.com
Maxim Integrated │ 2
DS28E16
1-Wire Secure SHA-3 Authenticator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com