Electronic Components Datasheet Search
  English  ▼

X  

BAV199 Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # BAV199
Description  Surface Mount Switching Diode Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAV199 Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  BAV199 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Surface Mount Switching Diode Array
www.futurewafer.com.tw
BAV199 Family
Document Number:F31836A
22-Jul-2021 V 2.0
Parameter
Symbol
Condition
Min
Max
Units
Reverse Breakdown Voltage
V BR
IR = 100uA
85
-
V
Forward Voltage
V F
IF = 1mA
-
0.9
IF = 10mA
-
1.0
IF = 50mA
-
1.1
IF = 150mA
-
1.25
Reverse Leakage Current
I R(max)
VR = 75V
-
5
uA
Reverse Recover Time
T rr
IF = IR = 10mA
-
3
uS
Junction Capacitance
C j, I/O-I/O
Vdc = 0V,f = 1MHZ
-
2
pf
C j, I/O-GND
3
4. Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com