Electronic Components Datasheet Search
  English  ▼

X  

BAV199 Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # BAV199
Description  Surface Mount Switching Diode Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAV199 Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  BAV199 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Surface Mount Switching Diode Array
www.futurewafer.com.tw
BAV199 Family
Document Number:F31836A
22-Jul-2021 V 2.0
1. Features
●
Fast Switching Speed
●
For High-Speed Switching Application
●
Ultra Small Surface Mount Package
3. Device Characteristics
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
V RRM
85
V
Working Peak Reverse Voltage
V RWM
DC Reverse Voltage
V R
Non-Repetitive Peak Reverse Voltage
V R(RMS)
60
Forward Continuous Current
I FM
215
mA
Non-Repetitive Peak Forward Surge Current
T = 1.0 us
I FSM
4.0
A
T = 1.0 ms
1.0
T = 1.0 s
0.5
Power Dissipation
P d
375
mW
Thermal Resistance Junction to Ambient ,Air
R Ɵja
330
°
C/W
Operating Temperature Range
T j
-65 to 150
°
C
Storage Temperature Range
T STG
SOT-363
2. Mechanical Characteristics
●
Molded JEDEC Package
- DFN 1006-3L / - DFN 1006-2L
- SOD-123
/ - SOD-123FL
- SOD-323FL / - SOD-523FL
- SOT-363
/ - SOT-23
●
Packing: Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification :Level 1
SOT-23
DFN 1006-3L
DFN 1006-2L
SOD-123FL
SOD-123
SOD-323FL
SOD-523FL


Similar Part No. - BAV199

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV199 PHILIPS-BAV199 Datasheet
53Kb / 8P
Low-leakage double diode
1999 May 11
logo
Siemens Semiconductor G...
BAV199 SIEMENS-BAV199 Datasheet
98Kb / 4P
Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Connected in series)
logo
Diodes Incorporated
BAV199 DIODES-BAV199 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
BAV199 DIODES-BAV199 Datasheet
155Kb / 2P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30232 Rev. 3 - 2
logo
Infineon Technologies A...
BAV199 INFINEON-BAV199 Datasheet
446Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
More results

Similar Description - BAV199

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW_08 Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 11 - 2 April 2008
BAV99DW DIODES-BAV99DW_09 Datasheet
85Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
BAW56DW DIODES-BAW56DW_08 Datasheet
125Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 10 - 2 March 2008
logo
SeCoS Halbleitertechnol...
MMBD4448HAQW SECOS-MMBD4448HAQW Datasheet
1Mb / 2P
Surface Mount Switching Diode Array
logo
Diodes Incorporated
BAV99BRLP DIODES-BAV99BRLP Datasheet
84Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 4
BAV70DV DIODES-BAV70DV_15 Datasheet
96Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 4
BAV99DWQ DIODES-BAV99DWQ Datasheet
195Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAS16HTW DIODES-BAS16HTW Datasheet
334Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAW56HDW DIODES-BAW56HDW Datasheet
363Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAS16VV DIODES-BAS16VV Datasheet
598Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
February 2023 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com