Electronic Components Datasheet Search
  English  ▼

X  

BC858C Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # BC858C
Description  PNP Silicon Epitaxial General Purpose Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BC858C Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  BC858C Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BC858C Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BC858C Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BC858C Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BC858C Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BC858C Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BC858C Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BC858C Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BC858C Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Document Number:F51841P
21-May-2021 V 2.0
www.futurewafer.com.tw
BC856 / BC857 / BC858
PNP Silicon Epitaxial
General Purpose Transistors
4. Electrical Characteristics (TA=25
°
C unless otherwise noted)
Symbol
Min.
Typ.
Max.
Units
Parameter
Collector-Emitter Breakdown Voltage
IC = -10mA
BC856
V BR –CEO
-65
-
-
V
BC857
-45
-
-
BC858
-30
-
-
Emitter-Base Breakdown Voltage
IE = -1.0uA
BC856
V BR –EBO
-6
-
-
BC857
-6
-
-
BC858
-5
-
-
Collector-Base Breakdown Voltage
IC = -10uA
BC856
V BR –CBO
-80
-
-
BC857
-50
-
-
BC858
-30
-
-
Collector-Base Cutoff Current
VCB = 30V,TA = 25 °C
I CBO
-
-
-15
nA
Emitter-Base Cutoff Current
VCB = 30V,TA = 25 °C
I EBO
-
-
-100
Parameter
Symbol
Min.
Typ.
Max.
Units
DC Current Gain
IC = -2.0mA,VCE = -5.0V
BC856A
hFE
125
-
250
BC857A
BC858A
BC856B
hFE
200
-
450
BC857B
BC858B
BC856C
hFE
420
-
800
BC857C
BC858C
Collector-Emitter Saturation Voltage, IC = -10mA,IB = -0.5mA
V CE(sat)
-
-
-0.30
V
Collector-Emitter Saturation Voltage, IC = -100mA,IB = -5.0mA
-
-
-0.65
Base-Emitter Voltage, IC = 2mA,VCE = 5V
V BE (ON)
0.6
-
0.75
Base-Emitter Voltage, IC = 10mA,VCE = 5V
-
-
0.82
5. On Characteristics
6. Small Signal Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Current Gain Bandwidth Product
IC = -10mA,VCE = -5.0V ,f = 100MHZ
fT
100
-
-
Mhz
Output Capacitance
VCB = -10V,f = 1.0Mhz
Cob
-
-
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com