Electronic Components Datasheet Search
  English  ▼

X  

BC858C Datasheet(PDF) 3 Page - FutureWafer Tech Co.,Ltd

Part # BC858C
Description  PNP Silicon Epitaxial General Purpose Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BC858C Datasheet(HTML) 3 Page - FutureWafer Tech Co.,Ltd

  BC858C Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BC858C Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BC858C Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BC858C Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BC858C Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BC858C Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BC858C Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BC858C Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BC858C Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Document Number:F51841P
21-May-2021 V 2.0
www.futurewafer.com.tw
BC856 / BC857 / BC858
PNP Silicon Epitaxial
General Purpose Transistors
7. Rating and Characteristic Curve
-I C,Collector Current (A)
-I C,Collector Current (A)
-I C,Collector Current (A)
-I C,Collector Current (A)
-I C,Collector Current (A)
-I B,Base Current (mA)
-V CE = 5V
IC / IB = -20
IC / IB = -20
-V CE = 5V
-V CE = 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com