Electronic Components Datasheet Search
  English  ▼

X  

MAX22192 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX22192
Description  Octal Industrial Digital Input with Diagnostics and Digital Isolation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22192 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX22192 Datasheet HTML 17Page - Maxim Integrated Products MAX22192 Datasheet HTML 18Page - Maxim Integrated Products MAX22192 Datasheet HTML 19Page - Maxim Integrated Products MAX22192 Datasheet HTML 20Page - Maxim Integrated Products MAX22192 Datasheet HTML 21Page - Maxim Integrated Products MAX22192 Datasheet HTML 22Page - Maxim Integrated Products MAX22192 Datasheet HTML 23Page - Maxim Integrated Products MAX22192 Datasheet HTML 24Page - Maxim Integrated Products MAX22192 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Detailed Description
The MAX22192 senses the state (on, high or off, low) of
eight digital inputs. The voltages at the IN1 to IN8 input
pins are compared against internal references to deter-
mine whether the sensor is ON (logic 1) or OFF (logic 0).
All eight inputs are simultaneously latched by the asser-
tion of either LLATCH or LCS, and the data made avail-
able in a serialized format using the isolated SPI interface.
Placing a 7.5kΩ current-setting resistor between REFDI
and GNDF, and a 1.5kΩ resistor between each field input
and the corresponding IN_ input pin ensures that the cur-
rent at the ON and OFF trip points, as well as the voltage
at the trip points, satisfy the requirements of IEC 61131-2
for Type 1 and Type 3 inputs. The current sunk by each
input pin rises linearly with input voltage until the level
set by the current limiter is reached; any voltage increase
beyond this point does not increase the input current.
Limiting the input current ensures compliance with IEC
61131-2 while significantly reducing power dissipation
compared to traditional resistive inputs.
The current-setting resistor RREFDI can be calculated
using this equation:
RREFDI = 17.63V / IINLIM
Input Filters
Each input (IN1–IN8) has a programmable filter and input
data can be filtered to reduce noise, or it can be read
directly for more rapid response. The input is sampled
and data is updated at 1MHz (typ) when the input filter
is disabled. When the digital filter is enabled, the input
is sampled at 200kHz (typ). Bit FBP in the correspond-
ing FLT_ register is used to bypass the filter or to enable
the filter. One of eight filter delays (50µs, 100µs, 400µs,
800µs, 1.6ms, 3.2ms, 12.8ms, 20ms) can be indepen-
dently selected for each channel. Noise rejection is
accomplished through a nonrollover up-down counter
where the state of the field input controls the counting
direction (up or down). The filter uses an up-down coun-
ter fed by a 200kHz clock. If the input is high, it counts
up; if the input is low, it counts down. The filter output is
updated when the counter hits the upper or lower limit,
with the upper limit depending on the selected filter delay
and the lower limit being zero regardless of the filter delay.
The low-to-high transition of the filter occurs when the
counter reaches the upper limit. The high-to-low transi-
tion occurs when the counter reaches the lower limit.
There is no rollover; counting simply stops when the
upper or lower limit is hit. The filter delay is the time it
takes to reach the upper/lower limit in response to a step
input when the counter starts from the lower/upper limit.
Figure 4. Switching Characteristics for IEC 61131-2 Type 1, 2, and 3 24VDC Digital Inputs
MAX22192
Octal Industrial Digital Input with
Diagnostics and Digital Isolation
www.maximintegrated.com
Maxim Integrated │ 21
VLMIN
TYPE
OF
LIMIT
TYPE 1 LIMITS
TYPE 2 LIMITS
TYPE 3 LIMITS
OFF REGION TRANSITION
ON REGION
OFF REGION
TRANSITION
ON REGION
OFF REGION TRANSITION
ON REGION
VL
(V)
IL
(mA)
VT
(V)
IT
(mA)
VH
(V)
IH
(mA)
VL
(V)
IL
(mA)
VT
(V)
IT
(mA)
VH
(V)
IH
(mA)
VL
(V)
IL
(mA)
VT
(V)
IT
(mA)
VH
(V)
IH
(mA)
MAX
15/5
15
15
15
30
15
11/5
30
11
30
30
30
11/5
15
11
15
30
15
MIN
-3
ND
5
0.5
15
2
-3
ND
5
2
11
6
-3
ND
5
1.5
11
2
0
IIN (mA)
VIN (V)
OFF REGION
ON REGION
TRANSITION REGION
VHMAX
VHMIN or VTMAX
IHMIN
IHMAX
ILMIN
ILMAX
VLMAX or VTMIN
ITMIN
ITMAX
STANDARD OPERATING RANGE FOR 24V DC DIGITAL INPUTS (CURRENT SINKING)
VLMAX
ND = NOT DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com