Electronic Components Datasheet Search
  English  ▼

X  

MAX22192 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX22192
Description  Octal Industrial Digital Input with Diagnostics and Digital Isolation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22192 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX22192 Datasheet HTML 1Page - Maxim Integrated Products MAX22192 Datasheet HTML 2Page - Maxim Integrated Products MAX22192 Datasheet HTML 3Page - Maxim Integrated Products MAX22192 Datasheet HTML 4Page - Maxim Integrated Products MAX22192 Datasheet HTML 5Page - Maxim Integrated Products MAX22192 Datasheet HTML 6Page - Maxim Integrated Products MAX22192 Datasheet HTML 7Page - Maxim Integrated Products MAX22192 Datasheet HTML 8Page - Maxim Integrated Products MAX22192 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
VLF - VGNDF = +3.0V to +5.5V, VDD3F - VGNDF = +3.0V to +5.5V, VDD24F - VGNDF = +7V to +65V, VDDL - VGNDL = +1.71V to +5.5V,
TA = -40°C to +125°C, unless otherwise noted. Typical values are at VLF - VGNDF = +3.3V, VDD3F - VGNDF = +3.3V, VDD24F - VGNDF
= +24V, VDDL - VGNDL = +3.3V, VIN_ = +24V, CL = 15pF and TA = +25°C. (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Supply Voltage
VDD24F
Normal operation
7
65
V
VDD3F
Powered from an external supply,
VDD24F unconnected
3.0
5.5
Field Logic Supply Voltage
VLF
Referenced to GNDF
3.0
5.5
V
Logic Supply Voltage
VDDL
Referenced to GNDL
1.71
5.5
V
Field Supply Current of VDD24F
IDD24F
VDD24F = 24V
IN1 to IN8 = 0V, LED1
to LED8 = GNDF, SPI
static, REFDI = 7.5kΩ,
REFWB = 24kΩ
0.6
1.2
mA
Field Supply Current Powered
From VDD3F
IDD3F
VDD3F = 3.3V,
VDD24F
unconnected
IN1 to IN8 = 0V, LED1
to LED8 = GNDF, SPI
static, REFDI = 7.5kΩ,
REFWB = 24kΩ
0.6
1.2
mA
Field Logic Supply Current
ILF
VLF - VGNDF
= 5.5V
LCS
= VDDL,
All logic pins static
2
mA
Logic Supply Current
IDDL
VDDL -
VGNDL = 5.5V
LCS
= VDDL,
All logic pins static
1.5
2
mA
VDD3F Undervoltage-Lockout
Threshold
VUVLO
VDD3F Rising
2.4
2.9
V
VDD3F Undervoltage-Lockout
Threshold Hysteresis
VUVHYST
0.07
V
VDD24F Undervoltage-Lockout
Threshold
VUVLO24F
VDD24F Rising
6
6.8
V
VDD24F Undervoltage-Lockout
Threshold Hysteresis
VUVHYST24F
0.5
V
VLF Undervoltage-Lockout
Threshold
VUVLOVLF
VLF Rising
0.9
1.66
V
VLF Undervoltage-Lockout
Threshold Hysteresis
VUVHYSTVLF
0.07
V
VDDL Undervoltage-Lockout
Threshold
VUVLOVL
VDDL Rising
1.5
1.6
1.66
V
VDDL Undervoltage-Lockout
Threshold Hysteresis
VUVHYSTVL
45
mV
Regulator Output Voltage
VDD3F
ILOAD = 1mA
3.0
3.3
3.6
V
Line Regulation
dVDD3FLINE ILOAD = 1mA, VDD24F = 12V to 24V
0
mV
Load Regulation
dVDD3FLOAD ILOAD = 1mA to 10mA, VDD24F = 24V
4
mV
MAX22192
Octal Industrial Digital Input with
Diagnostics and Digital Isolation
www.maximintegrated.com
Maxim Integrated │ 4
DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com