Electronic Components Datasheet Search
  English  ▼

X  

MAX98358 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX98358
Description  PDM Input Class D Audio Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98358 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX98358 Datasheet HTML 17Page - Maxim Integrated Products MAX98358 Datasheet HTML 18Page - Maxim Integrated Products MAX98358 Datasheet HTML 19Page - Maxim Integrated Products MAX98358 Datasheet HTML 20Page - Maxim Integrated Products MAX98358 Datasheet HTML 21Page - Maxim Integrated Products MAX98358 Datasheet HTML 22Page - Maxim Integrated Products MAX98358 Datasheet HTML 23Page - Maxim Integrated Products MAX98358 Datasheet HTML 24Page - Maxim Integrated Products MAX98358 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Figure 9. Stereo Operation Using Two MAX98358s
OUTP
OUTN
GAIN
VDD
2.5V TO 5.5V
0.1µF
10µF
GPIO*
CODEC
PDM CLOCK
PDM DATA OUT
SD_MODE
PDM_CLK
RSMALL
(69.8kΩ)**
PDM_DATA
GND
*RESPONDS TO RIGHT CHANNEL WHEN GPIO IS HIGH.
**69.8kΩ ASSUMES VGPIO = 1.8V.
THE MAX98358 IS SHUTDOWN WHEN GPIO IS LOW.
MAX98358
OUTP
OUTN
GAIN
VDD
2.5V TO 5.5V
0.1µF
10µF
SD_MODE
PDM_CLK
PDM_DATA
GND
*RESPONDS TO LEFT CHANNEL WHEN GPIO IS HIGH.
THE MAX98358 IS SHUTDOWN WHEN GPIO IS LOW.
MAX98358
B2
A2
A1
C1
B1
C2, C3
B3
A3
B2
A2
A1
C1
B1
C2
B3
A3
MAX98358
PDM Input Class D Audio Power Amplifier
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com