Electronic Components Datasheet Search
  English  ▼

X  

MAX98358 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX98358
Description  PDM Input Class D Audio Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98358 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX98358 Datasheet HTML 1Page - Maxim Integrated Products MAX98358 Datasheet HTML 2Page - Maxim Integrated Products MAX98358 Datasheet HTML 3Page - Maxim Integrated Products MAX98358 Datasheet HTML 4Page - Maxim Integrated Products MAX98358 Datasheet HTML 5Page - Maxim Integrated Products MAX98358 Datasheet HTML 6Page - Maxim Integrated Products MAX98358 Datasheet HTML 7Page - Maxim Integrated Products MAX98358 Datasheet HTML 8Page - Maxim Integrated Products MAX98358 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
VDD, PDM_CLK and PDM_DATA to GND ..............-0.3V to +6V
All Other Pins to GND .............................. -0.3V to (VDD + 0.3V)
Continuous Current In/Out of VDD/GND/OUT_..................±1.6A
Continuous Input Current (all other pins).........................±20mA
Duration of OUT_ Short Circuit to GND or VDD…....Continuous
Duration of OUTP Short to OUTN.............................Continuous
Continuous Power Dissipation ..............................(TA = +70°C)
WLP (derate 13.7mW/°C above +70°C)....................1096mW
TQFN (derate 20.8mW/°C above +70°C)..................1666mW
Junction Temperature......................................................+150°C
Operating Temperature Range........................... -40°C to +85°C
Storage Temperature Range............................ -65°C to +150°C
Soldering Temperature (reflow).......................................+260°C
Lead Temperature (soldering, 10s, TQFN) .....................+300°C
WLP
Junction-to-Ambient Thermal Resistance (θJA) ..........73°C/W
Junction-to-Case Thermal Resistance (θJC)...............50°C/W
TQFN
Junction-to-Ambient Thermal Resistance (θJA) ..........48°C/W
Junction-to-Case Thermal Resistance (θJC).................7°C/W
(Note 1)
(VDD = 5V, VGND = 0V, GAIN = VDD (+6dB). PDM_CLK = 3.072MHz, speaker loads (ZSPK) connected between OUTP and OUTN,
ZSPK = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Guaranteed by PSSR test
2.5
5.5
V
Undervoltage Lockout
UVLO
1.4
1.8
2.3
V
Quiescent Current
IDD
TA = +25°C
2.2
2.7
mA
TA = +25°C, VDD = 3.7V
1.8
2.2
Shutdown Current
ISHDN
SD_MODE
= 0V, TA = +25°C
0.6
2
µA
Standby Current
ISTNDBY
SD_MODE
= 1.8V, no PDM_CLK,
TA = +25°C
340
400
µA
Turn-On Time
tON
Time from receipt of first clock cycle to full
operation
0.6
0.7
ms
Output Offset Voltage
VOS
TA = +25°C, gain = 15dB
±0.3
±2.5
mV
Click-and-Pop Level
KCP
Peak voltage, TA =
+25°C, A-weighted,
32 samples per
second (Note 3)
Into shutdown
-72
dBV
Out of shutdown
-66
Power-Supply Rejection Ratio
PSRR
VDD = 2.5V to 5.5V, TA = +25°C
60
75
dB
TA = +25°C
(Notes 3, 4)
f = 217Hz,
200mVP-P ripple
77
f = 10kHz,
200mVP-P ripple
60
MAX98358
PDM Input Class D Audio Power Amplifier
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com