Electronic Components Datasheet Search
  English  ▼

X  

MSM6512 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6512
Description  Low-power and Built-in LCD Driver 4-Bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6512 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6512 Datasheet HTML 1Page - OKI electronic componets MSM6512 Datasheet HTML 2Page - OKI electronic componets MSM6512 Datasheet HTML 3Page - OKI electronic componets MSM6512 Datasheet HTML 4Page - OKI electronic componets MSM6512 Datasheet HTML 5Page - OKI electronic componets MSM6512 Datasheet HTML 6Page - OKI electronic componets MSM6512 Datasheet HTML 7Page - OKI electronic componets MSM6512 Datasheet HTML 8Page - OKI electronic componets MSM6512 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
MSM6502B/6512
¡ Semiconductor
GENERAL DESCRIPTION
The MSM6502B/6512 is a low-power, 4-bit microcontroller implemented in complementary
metal-oxide semiconductor technology.
The device is ideally suited to battery-powered systems such as watches and game machines
because it can directly drive LCDs with up to 108 picture elements.
FEATURES
• ROM
: 2000 words ¥ 8 bits
• RAM
: 128 words ¥ 4 bits
• Number of instructions
: 68
• Clock oscillation
: Crystal 32.768 kHz
• Cycle time
: 91.5 ms
• Timer interrupt
: Dual (16,128 Hz)
• I/O port
Input-output port
: 2 ports ¥ 4 bits
Input port
: 1 port ¥ 4 bits
• LCD drive
: 108 (4 ¥ 27) picture elements
• Buzzer
: 2000/1000/512 Hz/Soft
• Interrupt
: Three sources (external; two timer sources)
• Stack
: Nesting RAM
Stack pointer = 7 bits
• Power down
: Halt mode available
• Operating power supply voltage : 2.4 V to 3.6 V
• Package options:
56-pin plastic QFP (QFP56-P-910-0.65-K)
: (Product name : MSM6502B-¥¥¥GS-K,
MSM6512-¥¥¥GS-K)
56-pin plastic QFP (QFP56-P-910-0.65-2K)
: (Product name : MSM6502B-¥¥¥GS-2K,
MSM6512-¥¥¥GS-2K)
¥¥¥ indicates the code number.
¡ Semiconductor
MSM6502B/6512
Low-power and Built-in LCD Driver 4-Bit Microcontroller
E2E0018-27-Y4
This version: Jan. 1998
Previous version: Mar. 1996


Similar Part No. - MSM6512

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
MSM6500 QUANTUM-MSM6500 Datasheet
366Kb / 8P
MSM6500??CHIPSET SOLUTION
logo
OKI electronic componet...
MSM65344A OKI-MSM65344A Datasheet
125Kb / 16P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65352 OKI-MSM65352 Datasheet
110Kb / 15P
8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
MSM65352B OKI-MSM65352B Datasheet
110Kb / 15P
8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
MSM65353A OKI-MSM65353A Datasheet
137Kb / 20P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
More results

Similar Description - MSM6512

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64P155 OKI-MSM64P155 Datasheet
181Kb / 29P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM5052 OKI-MSM5052 Datasheet
161Kb / 12P
Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
MSM6051 OKI-MSM6051 Datasheet
91Kb / 7P
Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
Built-in LCD Driver 4-Bit Microcontroller
MSM64422 OKI-MSM64422 Datasheet
144Kb / 13P
Built-in 256/512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
MSM64481 OKI-MSM64481 Datasheet
131Kb / 12P
Built-in 512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com