Electronic Components Datasheet Search
  English  ▼

X  

MSM6576 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM6576
Description  Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6576 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM6576 Datasheet HTML 1Page - OKI electronic componets MSM6576 Datasheet HTML 2Page - OKI electronic componets MSM6576 Datasheet HTML 3Page - OKI electronic componets MSM6576 Datasheet HTML 4Page - OKI electronic componets MSM6576 Datasheet HTML 5Page - OKI electronic componets MSM6576 Datasheet HTML 6Page - OKI electronic componets MSM6576 Datasheet HTML 7Page - OKI electronic componets MSM6576 Datasheet HTML 8Page - OKI electronic componets MSM6576 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
MSM6576
¡ Semiconductor
PIN CONFIGURATION (TOP VIEW)
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
P4.1
P4.2
P4.3
RESET
TEST1
TEST2
TEST3
P5.0
P5.1
P5.2
P5.3
P1.1
P1.0
P0.3
P0.2
P0.1
P0.0
BD
P7.0/SIN
P7.1 (LDIN)
P7.2 (OPIN2)
P7.3 (OPIN1)
44-Pin Plastic QFP
Notes: 1. P6.3, P7.0 and P7.1 are used as serial port pins as well.
P7.2 and P7.3 are used as up/down counter pins as well.
2. P6.1 is not assigned as a pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com