Electronic Components Datasheet Search
  English  ▼

X  

MSM6576 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM6576
Description  Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6576 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM6576 Datasheet HTML 1Page - OKI electronic componets MSM6576 Datasheet HTML 2Page - OKI electronic componets MSM6576 Datasheet HTML 3Page - OKI electronic componets MSM6576 Datasheet HTML 4Page - OKI electronic componets MSM6576 Datasheet HTML 5Page - OKI electronic componets MSM6576 Datasheet HTML 6Page - OKI electronic componets MSM6576 Datasheet HTML 7Page - OKI electronic componets MSM6576 Datasheet HTML 8Page - OKI electronic componets MSM6576 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
MSM6576
¡ Semiconductor
ABSOLUTE MAXIMUM RATINGS
1.5 V operation
Backup flag (BUF) = "0"
The input of the constant voltage circuit is equal to the output of the voltage converter (VSS2).
Parameter
Symbol
Condition
Range
Unit
Operating Voltage
Vop
—
–3.5 to –0.9
V
V
—
Operating Temperature
Top
–20 to +70
°C
—
Oscillation Frequency
fOSC
32.768
kHz
—
VDD = 0 V (VSS1 = battery voltage)
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VSS1
Ta = 25°C
–6.0 to +0.3
Input Voltage
VIN
VSS1 – 0.3 to +0.3
V
Output Voltage
VOUT
VSS1 – 0.3 to +0.3
Storage Temperature
TSTG
—
–55 to +150
°C
VDD = 0 V (VSS1 = battery voltage)
RECOMMENDED OPERATING CONDITIONS
1.5 V operation
Backup flag (BUF) = "0"
The input of the constant voltage circuit is equal to the output of the voltage converter (VSS2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com