Electronic Components Datasheet Search
  English  ▼

X  

MSM6722 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM6722
Description  Pitch Control IC for The Speech Signal
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6722 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM6722 Datasheet HTML 1Page - OKI electronic componets MSM6722 Datasheet HTML 2Page - OKI electronic componets MSM6722 Datasheet HTML 3Page - OKI electronic componets MSM6722 Datasheet HTML 4Page - OKI electronic componets MSM6722 Datasheet HTML 5Page - OKI electronic componets MSM6722 Datasheet HTML 6Page - OKI electronic componets MSM6722 Datasheet HTML 7Page - OKI electronic componets MSM6722 Datasheet HTML 8Page - OKI electronic componets MSM6722 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2/21
OKI Semiconductor
MSM6722
FEDL6722-05
FEATURES
• Built-in microphone preamplifier
• Built-in low-pass filters
• Built-in 8-bit AD converter
• Built-in 9-bit DA converter
• Speech pitch alterable in 17 steps (including the no pitch change step)
• Master clock frequency at 4 MHz
• 5 V single power supply
• Package
: 24-pin plastic SOP (SOP24-P-430-1.27-K) (MSM6722GS-K)
Chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com