Electronic Components Datasheet Search
  English  ▼

X  

MSM6722 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM6722
Description  Pitch Control IC for The Speech Signal
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6722 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM6722 Datasheet HTML 9Page - OKI electronic componets MSM6722 Datasheet HTML 10Page - OKI electronic componets MSM6722 Datasheet HTML 11Page - OKI electronic componets MSM6722 Datasheet HTML 12Page - OKI electronic componets MSM6722 Datasheet HTML 13Page - OKI electronic componets MSM6722 Datasheet HTML 14Page - OKI electronic componets MSM6722 Datasheet HTML 15Page - OKI electronic componets MSM6722 Datasheet HTML 16Page - OKI electronic componets MSM6722 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13/21
OKI Semiconductor
MSM6722
FEDL6722-05
Configuring SGC and SG pins
The internal equivalent circuit around the SGC and SG pins is shown below.
The SG signal is reference voltage (signal ground) for internal OP amplifiers and LPF.
Install a capacitor between the SGC pin and AGND and between the SG pin and AGND
respectively in order to make the SG signal noiseless. It is recommended to install an approx.
1m capacitor, which should be determined after evaluating the tone quality.
It takes several ten msec until the DC levels such as the SG level of the analog circuit is stabilized
after the power-down mode is cancelled. The larger capacitance of a capacitor connected to SGC
or SG requires the longer time for stabilizing.
After the power-down mode is cancelled, enter voices after the DC levels for the analog circuit
has been stabilized.
When the device is in power-down mode, the output voltage of the SG pin becomes unstable.
Therefore, SG must not be supplied to external circuits.
Otherwise, power suppluy current may be leaked via the internal SG circuit.
Same is true for the SGC pin.
+
–
AGND
AGND
AGND
20kW
(TYP)
50kW
(TYP)
50kW
(TYP)
Power-down signal
Switch is open
during power-down
mode
SGC
MSM6722
AVDD
To OP amplifier LPF
SG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com