Electronic Components Datasheet Search
  English  ▼

X  

MSM6653 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM6653
Description  SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6653 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM6653 Datasheet HTML 1Page - OKI electronic componets MSM6653 Datasheet HTML 2Page - OKI electronic componets MSM6653 Datasheet HTML 3Page - OKI electronic componets MSM6653 Datasheet HTML 4Page - OKI electronic componets MSM6653 Datasheet HTML 5Page - OKI electronic componets MSM6653 Datasheet HTML 6Page - OKI electronic componets MSM6653 Datasheet HTML 7Page - OKI electronic componets MSM6653 Datasheet HTML 8Page - OKI electronic componets MSM6653 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
¡ Semiconductor
MSM6679AL-110 Voice Recognition Processor
1
¡ Semiconductor
MSM6679AL-110
SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
GENERAL DESCRIPTION
The MSM6679AL-110 Voice Recognition Processor (VRP) is a slave-mode device that performs
five func-tions: speaker-independent (SI) voice recognition, speaker-dependent (SD) voice
recognition, solid-state sound recording, sound playback, and speech synthesis. The highly
integrated device also provides an on-chip memory controller, Flash memory interface, analog
data conversion, Oki speech synthesizer interface, and pulse width modulation (PWM) sound
output.
For SI recognition, the MSM6679AL-110 contains a vocabulary template in external memory.
Pretrained SI vocabularies eliminate the need for laborious training, as usually required by SD
products. The memory requirements are dependent on the size of the vocabulary. The
MSM6679AL-110 can tolerate background noise, while providing high recognition accuracy. In
its designated operating environment, the device achieves a typical recognition accuracy of
>95% (using an Oki-defined test procedure).
For SD recognition, the MSM6679AL-110 stores SD vocabulary templates, as defined by the user,
in external SRAM. The MSM6679AL-110 can create SD vocabularies of up to 61 words each, with
each word using approximately 50 bytes.
In addition to providing voice recognition capabilities, the MSM6679AL-110 integrates a solid-
state recorder/player, speech synthesis functions, and a tone generator. ADPCM recording/
playback provides high quality sound and efficient memory utilization. The MSM6679AL-110
can respond to spoken com-mands, verbally or with tones, via an on-chip speech synthesizer and
tone generator. For larger speech-synthesis requirements, the MSM6679AL-110 also provides a
glueless MSM665x control interface for off-chip speech synthesis.
The MSM6679AL-110 can interface to any application or personal computer via a serial interface
through an open, device-independent serial mode API (SMAPI). To accelerate code development,
Oki supplies an evaluation kit, and assembly and C language programs for this product.
The MSM6679AL-110 is a low power version of the MSM6679A-110.
Note:
This device is intended for use in applications other than central office communication
systems and central office switching systems.
FEATURES
This version: Nov. 1998
E2F0013-28-Y1
• SI recognition
- Up to 20 - 25 words in each vocabulary
- Multiple vocabulary support
• SD recognition
- Up to 61 words in each vocabulary
- Multiple vocabulary support
• Speech synthesis
- Up to 2.3-sec internal and 27.6-sec external
speech synthesis on-chip; sample looping
and concatenation allows even longer
phrases.
- On-chip controller for MSM665x speech
synthesizer
- Standard beep tone outputs
- Pulse code modualation (PCM) and
adaptive
differential
pulse
code
modualation (ADPCM) voice or sound-
effect output
• Speech capture and playback
- 28-kbps ADPCM speech compression
• Serial ASCII command interface
• 6944-Hz audio input sample rate for record
and playback
• 10-kHz sample rate for voice recognition
• 200-msec recognition latency
• Flexible memory mapping for EPROM,
FLASH, and SRAM
• 14.3182 MHz operation
• Package: 100-pin TQFP
(TQFP100-P-1414-0.50-K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com