Electronic Components Datasheet Search
  English  ▼

X  

FUL Datasheet(PDF) 3 Page - Schurter Inc.

Part # FUL
Description  FUL, Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FUL Datasheet(HTML) 3 Page - Schurter Inc.

  FUL Datasheet HTML 1Page - Schurter Inc. FUL Datasheet HTML 2Page - Schurter Inc. FUL Datasheet HTML 3Page - Schurter Inc. FUL Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Fuseholder
FUL
https://www.schurter.com /PG02
Circuit Protection
Derating Curves
020406080
100
0.5
0.0
I = << In
I = 0.7 In
I = 1.0 In
4.0
1.5
1.0
2.0
3.0
2.5
3.5
Ambient Air Temperature Ta °C
All Variants
Holder
Cap
Fuse-Link
Terminal
Degree of Pro-
tection
Order Number
l
-
5 x 20 / 6.3 x 32mm
Solder
IP40
0031.2307
l
-
5 x 20 / 6.3 x 32mm
Quick-Connect 6.3
IP40
0031.2308
█
l
-
5 x 20 / 6.3 x 32mm
Solder
IP67
0031.2303
█
l
-
5 x 20 / 6.3 x 32mm
Quick-Connect 6.3
IP67
0031.2304
█
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-
SCHURTER
Packaging Unit
Bulk (25 pcs.)
Required Accessory
Description
Caps to FUL, FUP, FUA
Caps to Holder FUL, FUP, FUA
Caps to FUL (IP 67)
Caps to Holder FUL (IP 67)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com