Electronic Components Datasheet Search
  English  ▼

X  

FUL Datasheet(PDF) 1 Page - Schurter Inc.

Part # FUL
Description  FUL, Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FUL Datasheet(HTML) 1 Page - Schurter Inc.

  FUL Datasheet HTML 1Page - Schurter Inc. FUL Datasheet HTML 2Page - Schurter Inc. FUL Datasheet HTML 3Page - Schurter Inc. FUL Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Fuseholder
FUL
https://www.schurter.com /PG02
Circuit Protection
FUL, Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap
Socket without mounted Cap
Caps must be ordered separa-
tely (see accessories)
Socket with Slotted Cap
See below:
Approvals and Compliances
250/500 VAC · 4W/16A (VDE) · 600V · 30A (UL/CSA)
Description
- Fuseholder for 600 VAC applications
- Fuseholder with high rated power acceptance
- Screw type fuse carrier
Unique Selling Proposition
- Fuseholder for high performance applications
- High rated power acceptance
Applications
- Equipment with three-phase supply (400 VAC)
- Applications with rated current up to 16 A (VDE)
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Accessories, Detailed request for product, Microsite
Technical Data
Shock-Safe Category
PC2
Fuse-Link
5 x 20 / 6.3 x 32 mm
Mounting
Panel mount, Front Side
Attachment
Fixing Nut
Terminal
Solder / Quick-Connect 6.3 x 0.8 mm
Rated Voltage
250/500 VAC (VDE), 600 V (UL/CSA)
Rated current
16 A (VDE), 30 A (UL/CSA)
Rated Power Acceptance IEC 4 W / 16 A @ Ta 23 °C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Degree of Protection
IP40 / IP67
Protection Class
Suitable for appliances with protection
class I or II acc. to IEC 61140
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Socket
Thermoset, black, UL 94V-0
Material: Terminals
Tin-Plated Copper
Unit Weight
18 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type, Rated Voltage, Power Rating,
Rated current, Certification marks
Soldering Methods
Iron
Soldering Profile
Solderability
350 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 2
Resistance to Soldering Heat
350 °C / 10 sec acc. to IEC 60068-2-20
Solderability
350 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 2
Contact Resistance
≤ 10mΩ at 100 mA acc. to IEC
60127-6
Dielectric Strength
> 3 kV between life parts
(50 Hz: 1 min)
Impulse Withstand Voltage
> 4 kV between life parts
Insulation Resistance
≥ 10MΩ between life parts
(500 VDC: 1 min)
Overvoltage Category
III acc. to IEC 60664-1
Pollution Degree
2 (500 VAC), 3 (250 VAC) acc. to IEC
60664-1
Resistance to Vibration
acc. to IEC 60068-2-6, test Fc
Admissible Torque on Fixing
Nut
max 1.2 Nm
Panel Thickness
max 10 mm
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: FUL
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number: 40045336
UL Approvals
UL
UL File Number: E39328


Similar Part No. - FUL

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FUL SCHURTER-FUL Datasheet
522Kb / 3P
Caps to Holder FUL, FUP, FUA
logo
Cypress Semiconductor
FULLFLEX CYPRESS-FULLFLEX Datasheet
1Mb / 52P
FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
More results

Similar Description - FUL

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0031.1714 SCHURTER-0031.1714 Datasheet
511Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot
0031.1681 SCHURTER-0031.1681 Datasheet
227Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, Medical
FAB SCHURTER-FAB_18 Datasheet
250Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, horizontal
FAC SCHURTER-FAC_18 Datasheet
272Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
FAU SCHURTER-FAU_18 Datasheet
276Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, horizontal
FUS SCHURTER-FUS Datasheet
432Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap / Fingergrip, Snap-in stepless
FEU-MED SCHURTER-FEU-MED Datasheet
272Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, Medical
FAC SCHURTER-FAC_V01 Datasheet
284Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
04.01.2022
FUP SCHURTER-FUP_V01 Datasheet
270Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap, horizontal
04.01.2022
FUS SCHURTER-FUS_V01 Datasheet
433Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap / Fingergrip, Snap-in stepless
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com