Electronic Components Datasheet Search
  English  ▼

X  

MSM66P56 Datasheet(PDF) 39 Page - OKI electronic componets

Part # MSM66P56
Description  SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66P56 Datasheet(HTML) 39 Page - OKI electronic componets

Back Button MSM66P56 Datasheet HTML 35Page - OKI electronic componets MSM66P56 Datasheet HTML 36Page - OKI electronic componets MSM66P56 Datasheet HTML 37Page - OKI electronic componets MSM66P56 Datasheet HTML 38Page - OKI electronic componets MSM66P56 Datasheet HTML 39Page - OKI electronic componets MSM66P56 Datasheet HTML 40Page - OKI electronic componets MSM66P56 Datasheet HTML 41Page - OKI electronic componets MSM66P56 Datasheet HTML 42Page - OKI electronic componets MSM66P56 Datasheet HTML 43Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
¡ Semiconductor
MSM6679AL-110 Voice Recognition Processor
37
Request (Continued)
Opcode
Action
Return Value
F505h
Initialization is complete.
F501h
Initialize in Background. Background noise
initialization is performed for 500 ms.
The MSM6679AL-110 requires this command
prior to recognition for noise vector subtraction
during the utterance sampling period. Use the
background initialization command whenever
there is a change in the background noise level.
For example, sample the noise signature in a
vehicle at rest and moving at 35 MPH with its
windows rolled down. The quality of a phone
line connection can also vary from call to call.
The host MCU must implement a strategy as to
when to issue a background initialization
command. In a vehicle, the host MCU could
monitor the vehicle speed, fan speed, radio
volume, etc. Alternatively, the host MCU could
issue this command each time a new
recognition session starts or a new line
connection is established.
However, the 0.5-sec sample period could
degrade system responsiveness if used too
frequently. A zero in this bit location during the
F2XXh command will not cause an initialization.
The F2xxh command can also be used to
perform background noise initialization.
F506h
Four digit ASCII number.
XXXX
Retrieve Vocabulary and Trigger Table Revision
Number.
F507h
Save is complete.
F501h
Save SDR templates in last FLASH. Save the
download RAM bank SD template area.
Saves 2684 bytes from the address set by the
F103 command to the address range F300-
FD7F in the last FLASH. The default is 4A00-
547B
→F300-FD7F).
F508h
No return value
Get SDR templates from last FLASH. Get the
download RAM bank SD template area.
Saves 2684 bytes to the address set by the
F103 command from the address range F300-
FD7B in the last FLASH. The default is (F300-
FD7B
→4A00-547B).
F509h
—
—
Select Default SI Vocabulary. (First FLASH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com