Electronic Components Datasheet Search
  English  ▼

X  

MSM66P56 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM66P56
Description  SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66P56 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM66P56 Datasheet HTML 9Page - OKI electronic componets MSM66P56 Datasheet HTML 10Page - OKI electronic componets MSM66P56 Datasheet HTML 11Page - OKI electronic componets MSM66P56 Datasheet HTML 12Page - OKI electronic componets MSM66P56 Datasheet HTML 13Page - OKI electronic componets MSM66P56 Datasheet HTML 14Page - OKI electronic componets MSM66P56 Datasheet HTML 15Page - OKI electronic componets MSM66P56 Datasheet HTML 16Page - OKI electronic componets MSM66P56 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
¡ Semiconductor
MSM6679AL-110 Voice Recognition Processor
11
DC Characteristics (VDD = 2.7 to 5.5 V, Ta = -30 to 70˚C)
1.
Typical condition is 3 V 25˚C.
Parameter
Symbol
Condition
Min
Typ [1]
Rated Value
Max
Unit
0.44
× VDD
VDD +0.3
—
Applied to D0-D7
High-level input voltage
VIH
0.80
× VDD
VDD +0.3
—
Applied to all other I/O
–0.3
0.16
× VDD
—
Applied to D0-D7
Low-level input voltage
VIL
–0.3
0.2
× VDD
—
Applied to all other I/O
High-level output voltage
VOH
VDD –0.4
V
—
—
Output current = –400 mA, applied
to D0-D7, WRRAM, RDRAM and
SLEEP
VDD –0.4
—
—
Output current = –200 mA, for all
other I/O
Low-level output voltage
VOL
—
0.5
—
Output current = 3.2 mA, applied
to D0-D7, WRRAM, RDRAM and
SLEEP
—
0.5
—
Output current = 1.6 mA, for all
other I/O
Input leak current
IIH, IIL
—
µA
1/–1
—
VI = VDD/0 V, applied to ADC0-
ADC7
Input current
—
1/–250
—
VI = VDD/0 V, applied to RES
—
15/–15
—
VI = VDD/0 V, applied to OSC0
High-level output current
IOH
–2
—
—
VO = 2.4 V, applied to D0-D7
–1
mA
—
—
VO = 2.4 V, applied to all other I/O
Low-level output current
IOL
10
—
—
VO = 2.4 V, applied to D0-D7
5—
—
VO = 2.4 V, applied to all other I/O
Output leakage current
ILO
µA
±10
—
VO = VDD/0 V
Input capacitance
CI
—
pF
—
5
f = 1 MHz, Ta = 25˚C
Output capacitance
CO
——
7
Analog reference power
supply voltage
IREF
—mA
4
—
During voice input
—
µA
10
—
When voice input is halted
Power consumption
IDD
—mA
T.B.D
—
fOSC = 14.3182 MHz, no load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com