Electronic Components Datasheet Search
  English  ▼

X  

MCP1641X Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1641X
Description  Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1641X Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1641X Datasheet HTML 17Page - Microchip Technology MCP1641X Datasheet HTML 18Page - Microchip Technology MCP1641X Datasheet HTML 19Page - Microchip Technology MCP1641X Datasheet HTML 20Page - Microchip Technology MCP1641X Datasheet HTML 21Page - Microchip Technology MCP1641X Datasheet HTML 22Page - Microchip Technology MCP1641X Datasheet HTML 23Page - Microchip Technology MCP1641X Datasheet HTML 24Page - Microchip Technology MCP1641X Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
 2020-2021 Microchip Technology Inc.
DS20006394C-page 21
MCP1641X
FIGURE 5-1:
MCP1641X Functional Block Diagram.
GATE DRIVE
AND
SHUTDOWN
CONTROL
LOGIC
VIN
VOUT
GND
ISENSE
IZERO
ILIMIT
DIRECTION
CONTROL
OSCILLATOR
SLOPE
COMP.
PWM/PFM
LOGIC
SW
VFB
EA
VFB
0.9 x VREF
485 mV
PGT
UVLO and LBI
Temp. Sensor
PG Comp.
Logic Block
Thermal SHDN
Temp. Error,
Auto-Discharge*
VOUT
Thermal
SHDN
SHDN
LBO
UVLO
LBI
Error
START
START
VPWM
VERR
OCRef
Overcurrent Comp.
PWM Modulator
Error Amp.
PWM
LBI
Error
EN
EN
EN
Note: The auto-discharge transistor is applicable only to MCP16411/2/5/6.
for Temp. and
Voltage Warnings
Comparators
EN
> 75
°C
PGT Error
PGT
VIN
VOUT
VMAX
INTERNAL
SUPPLY
VMax
+
–
+
–
VREF = 0.97V
+
–
+
–
+
–
+
–
Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com