Electronic Components Datasheet Search
  English  ▼

X  

MCP1641X Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1641X
Description  Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1641X Datasheet(HTML) 4 Page - Microchip Technology

  MCP1641X Datasheet HTML 1Page - Microchip Technology MCP1641X Datasheet HTML 2Page - Microchip Technology MCP1641X Datasheet HTML 3Page - Microchip Technology MCP1641X Datasheet HTML 4Page - Microchip Technology MCP1641X Datasheet HTML 5Page - Microchip Technology MCP1641X Datasheet HTML 6Page - Microchip Technology MCP1641X Datasheet HTML 7Page - Microchip Technology MCP1641X Datasheet HTML 8Page - Microchip Technology MCP1641X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
MCP1641X
DS20006394C-page 4
 2020-2021 Microchip Technology Inc.
Quiescent Current at VIN
IQIN
—
4.55µA
EN = VIN,
PFM mode (MCP16411/3/5/7)
(Notes 2, 4)
Quiescent Current –
Shutdown Mode
IQSHDN
—2.3
3.1
µA
VOUT = EN = GND, 
includes N-Channel and
P-Channel switch leakage
NMOS Switch Leakage
INLK
—85
—
nA
Note 5
PMOS Switch Leakage
IPLK
—1
—
nA
Note 5
NMOS Switch
On-Resistance
RDS(ON)N
—0.4
—
ISW = 100 mA (Note 4)
PMOS Switch
On-Resistance
RDS(ON)P
—0.5
—
ISW = 100 mA (Note 4)
NMOS Peak Switch
Current Limit
IN(MAX)
0.8
1
—
A
Note 4
VOUT Accuracy
VOUT%
—
—
+1
%
Includes line and load
regulation, VIN = 1.5V, PWM
Only options
Line Regulation
(VOUT/VOUT)
/
VDD
—0.1
0.5
%/V
VIN = 1.5V to 2.7V, IOUT = 25 mA,
PWM Only options
Load Regulation
VOUT/VOUT
—0.1
0.2%
IOUT = 10 mA to 100 mA,
VIN = 1.5V, PWM Only options
Maximum Duty Cycle
DCMAX
—90
—
%
Note 4
Switching Frequency
fSW
425
500
575
kHz
IOUT = 100 mA
EN Input Logic High
VIH
82
——
% of VIN IOUT = 10 mA
EN Input Logic Low
VIL
——
25
% of VIN IOUT = 10 mA
EN Input Leakage
Current
IENLK
—1
—
nA
Note 4
Power Good Threshold
PGTH
—90
—
%
% of VOUT (part of PGT signal)
for MCP16411/2/3/4
Power Good Hysteresis
PGHYS
—5
—
%
% of VOUT
Power Good Delay
PGDELAY
—250
—
µs
Note 4
Power Good Response
PGRESPONSE
—250
—
µs
Note 4
PGT Pin Low-Level
Output
PGTLOW
—0.4
—
V
ISINK = 2 mA (Note 4)
Low Battery Output Delay
LBODELAY
—150
—
µs
Note 4
Low Battery Output
Response
LBIRESPONSE
—150
—
µs
Note 4
Low Battery Input
Hysteresis
LBIHYS
—20
40
mV
UVLO pin
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, VIN = 1.2V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT = 3.3V,
IOUT = 10 mA, TA = +25°C. Boldface specifications apply over the TA range of -40°C to +85°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: For VIN > VOUT, the device enters Automatic Input-to-Output Bypass mode, 
VOUT = VIN – RDS(ON)P * IOUT, maximum VIN is 5.25V.
2: VOUT pin is forced biased with a voltage higher than the nominal VOUT (device is not switching) at
IOUT = 0 mA. IQIN and IQOUT are the device’s current consumption at VIN and VOUT pins during Sleep
periods. The device selects its bias from VIN and/or VOUT.
3: 330
 resistive load, 3.3V VOUT (10 mA).
4: Determined by characterization, not production tested.
5: This is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com