Electronic Components Datasheet Search
  English  ▼

X  

MIC2582 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC2582
Description  Single-Channel Hot Swap Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2582 Datasheet(HTML) 3 Page - Microchip Technology

  MIC2582 Datasheet HTML 1Page - Microchip Technology MIC2582 Datasheet HTML 2Page - Microchip Technology MIC2582 Datasheet HTML 3Page - Microchip Technology MIC2582 Datasheet HTML 4Page - Microchip Technology MIC2582 Datasheet HTML 5Page - Microchip Technology MIC2582 Datasheet HTML 6Page - Microchip Technology MIC2582 Datasheet HTML 7Page - Microchip Technology MIC2582 Datasheet HTML 8Page - Microchip Technology MIC2582 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
2021 Microchip Technology Inc.
DS20006573A-page 3
MIC2582/3
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VCC) ................................................................................................................................. –0.3V to +20V
/POR, /FAULT, PWRGD Pins..................................................................................................................... –0.3V to +15V
SENSE Pin........................................................................................................................................–0.3V to VCC + 0.3V
ON Pin ..............................................................................................................................................–0.3V to VCC + 0.3V
GATE Pin ................................................................................................................................................... –0.3V to +20V
FB Input Pins ............................................................................................................................................... –0.3V to +6V
ESD Rating (Note 1)
Human Body Model ................................................................................................................................................... 2 kV
Machine Model..........................................................................................................................................................100V
Operating Ratings ††
Supply Voltage (VCC) .............................................................................................................................. +2.3V to +13.2V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VCC = 5.0V; TA = +25°C, bold values valid for –40°C ≤ TA ≤ +85°C, unless noted. Note 1
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Supply Voltage
VCC
2.3
—
13.2
V
—
Supply Current
ICC
—
1.5
2.5
mA
VON = 2V
Circuit Breaker Trip
Voltage (Current-Limit
Threshold)
VTRIP
42
50
59
mV
VTRIP = VCC –
VSENSE
VTRIPSLOW
—
100
—
VTRIPFAST,
MIC2582-Jxx
85
100
110
VTRIPFAST,
MIC2583/3R-Jxx
130
150
170
VTRIPFAST,
MIC2583/3R-Kxx
175
200
225
VTRIPFAST,
MIC2583/3R-Lxx
External Gate Drive
VGS
7
8
9
V
VGATE – VCC
VCC > 3V
3.5
4.8
6.5
VCC = 2.3V
GATE Pin Pull-Up Current
IGATE
–30
17
–8
µA
Start Cycle, VGATE = 0V, VCC = 13.2V
–26
17
–8
VCC = 2.3V
GATE Pin Sink Current
IGATEOFF
—
100
—
mA
VGATE > 1V
/FAULT = 0
(MIC2583/3R only)
VCC = 13.2V,
Note 2
—
50
—
VCC = 2.3V, Note 2
—
110
—
µA
Turn Off
Note 1: Specification for packaged product only.
2: Not a tested parameter. Ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com