Electronic Components Datasheet Search
  English  ▼

X  

MIC2582 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2582
Description  Single-Channel Hot Swap Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2582 Datasheet(HTML) 1 Page - Microchip Technology

  MIC2582 Datasheet HTML 1Page - Microchip Technology MIC2582 Datasheet HTML 2Page - Microchip Technology MIC2582 Datasheet HTML 3Page - Microchip Technology MIC2582 Datasheet HTML 4Page - Microchip Technology MIC2582 Datasheet HTML 5Page - Microchip Technology MIC2582 Datasheet HTML 6Page - Microchip Technology MIC2582 Datasheet HTML 7Page - Microchip Technology MIC2582 Datasheet HTML 8Page - Microchip Technology MIC2582 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
2021 Microchip Technology Inc.
DS20006573A-page 1
MIC2582/3
Features
• MIC2582: Pin-for-Pin Functional Equivalent to the
LTC1422
• 2.3V to 13.2V Supply Voltage Operation
• Surge Voltage Protection up to 20V
• Current Regulation Limits Inrush Current
Regardless of Load Capacitance
• Programmable Inrush Current Limiting
• Electronic Circuit Breaker
• Optional Dual-Level Overcurrent Threshold
Detects Excessive Load Faults
• Fast Response to Short-Circuit Conditions (<1 µs)
• Programmable Output Undervoltage Detection
• Undervoltage Lockout (UVLO) Protection
• Auto-Restart Function (MIC2583R)
• Power-on-Reset (POR) Status Output
• Power Good (PG) Status Output (MIC2583 and
MIC2583R)
• /FAULT Status Output (MIC2583 and MIC2583R)
Applications
• RAID Systems
• Base Stations
• PC Board Hot Swap Insertion and Removal
• +12V Backplanes
• Network Switches
General Description
The MIC2582 and MIC2583 are single-channel
positive voltage hot swap controllers designed to allow
the safe insertion of boards into live system
backplanes. The MIC2582 and MIC2583 are available
in 8-lead SOIC and 16-lead QSOP packages,
respectively. Using a few external components and by
controlling the gate drive of an external N-Channel
MOSFET device, the MIC2582/3 provide inrush current
limiting and output voltage slew rate control in harsh,
critical power supply environments. Additionally, a
circuit breaker function will latch the output MOSFET
off if the current-limit threshold is exceeded for a
determined period. The MIC2583R option includes an
auto-restart function upon detecting an overcurrent
condition.
Package Types
1
/POR
ON
CPOR
GND
8
VCC
SENSE
GATE
FB
7
6
5
2
3
4
1
/POR
PWRGD
ON
CPOR
CFILTER
NC
GND
GND
16 VCC
SENSE
GATE
DIS
FB
/FAULT
NC
NC
15
14
13
12
11
10
9
2
3
4
5
6
7
8
MIC2583/MIC2583R
16-Lead QSOP (QS)
(Top View)
MIC2582
8-Lead SOIC (M)
(Top View)
Single-Channel Hot Swap Controllers


Similar Part No. - MIC2582

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
1Mb / 27P
Single-Channel Hot Swap Controllers
MIC2582-J1YM MICREL-MIC2582-J1YM Datasheet
831Kb / 25P
Single Channel Hot Swap Controllers
MIC2582-J1YM MICREL-MIC2582-J1YM Datasheet
1Mb / 27P
Single-Channel Hot Swap Controllers
MIC2582-JBM MICREL-MIC2582-JBM Datasheet
190Kb / 22P
Single Channel Hot Swap Controllers
More results

Similar Description - MIC2582

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
Dual Hot Swap Controllers
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
Single Channel Hot Swap Controllers
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
Single Channel Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_09 Datasheet
831Kb / 25P
Single Channel Hot Swap Controllers
logo
Linear Technology
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
??8V Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_14 Datasheet
1Mb / 27P
Single-Channel Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com