Electronic Components Datasheet Search
  English  ▼

X  

MS8104166 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MS8104166
Description  Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS8104166 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MS8104166 Datasheet HTML 4Page - OKI electronic componets MS8104166 Datasheet HTML 5Page - OKI electronic componets MS8104166 Datasheet HTML 6Page - OKI electronic componets MS8104166 Datasheet HTML 7Page - OKI electronic componets MS8104166 Datasheet HTML 8Page - OKI electronic componets MS8104166 Datasheet HTML 9Page - OKI electronic componets MS8104166 Datasheet HTML 10Page - OKI electronic componets MS8104166 Datasheet HTML 11Page - OKI electronic componets MS8104166 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
PEDS8104166-01
1Semiconductor
MS8104166
8/19
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Input Output Voltage
V
T
at Ta = 25°C, V
SS
–1.0 to +7.0
V
Output Current
I
OS
Ta = 25°C
50
mA
Power Dissipation
P
D
Ta = 25°C
1
W
Operating Temperature
T
OPR
—
0 to 70
°C
Storage Temperature
T
STG
—
–55 to +150
°C
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
V
CC
4.5
5.0
5.5
V
Power Supply Voltage
V
SS
00
0
V
Input High Voltage
V
IH
2.4
V
CC
V
CC + 1.0
V
Input Low Voltage
V
IL
–0.3
0
0.8
V
DC Characteristics
Parameter
Symbol
Condition
Min.
Max.
Unit
Input Leakage Current
I
LI
0<V
I<VCC, Other input pins at V = 0 V
–10
10
µA
Output Leakage Current
I
LO
0<V
O<VCC
–10
10
µA
Output “H” Level Voltage
V
OH
I
OH = –1 mA
2.4
—
V
Output “L” Level Voltage
V
OL
I
OL = 2 mA
—
0.4
V
Operating Current
I
CC1
Minimum Cycle Time, Output Open
—
170
mA
Standby Current
I
CC2
Input Pin = V
IH/VIL
—5
mA
Capacitance
(Ta = 25°C, f = 1 MHz)
Parameter
Symbol
Max.
Unit
Input Capacitance (D
I, SWCK, SRCK, RSTW, RSTR, WE, RE, IE, OE)
C
I
7pF
Output Capacitance (D
O)CO
7pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com