Electronic Components Datasheet Search
  English  ▼

X  

MS8104166 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MS8104166
Description  Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS8104166 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MS8104166 Datasheet HTML 5Page - OKI electronic componets MS8104166 Datasheet HTML 6Page - OKI electronic componets MS8104166 Datasheet HTML 7Page - OKI electronic componets MS8104166 Datasheet HTML 8Page - OKI electronic componets MS8104166 Datasheet HTML 9Page - OKI electronic componets MS8104166 Datasheet HTML 10Page - OKI electronic componets MS8104166 Datasheet HTML 11Page - OKI electronic componets MS8104166 Datasheet HTML 12Page - OKI electronic componets MS8104166 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
PEDS8104166-01
1Semiconductor
MS8104166
9/19
AC Characteristics
(V
CC = 5.0 ±0.5 V, Ta = 0 to 70°C)
MS8104166-20
MS8104166-25
MS8104166-30
Parameter
Symbol
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Access Time from SRCK
t
AC
—18
—
22
—
25
ns
D
OUT Hold Time from SRCK
t
DDCK
6—
6
—
6
—
ns
D
OUT Enable Time from SRCK
t
DECK
618
6
22
6
25
ns
SWCK “H” Pulse Width
t
WSWH
10
—
12
—
15
—
ns
SWCK “L” Pulse Width
t
WSWL
10
—
12
—
15
—
ns
Input Data Setup Time
t
DS
3—
3
—
5
—
ns
Input Data Hold Time
t
DH
5—
5
—
5
—
ns
WE Enable Setup Time
t
WENS
5—
5
—
5
—
ns
WE Enable Hold Time
t
WENH
5—
5
—
5
—
ns
WE Disable Setup Time
t
WDSS
5—
5
—
5
—
ns
WE Disable Hold Time
t
WDSH
5—
5
—
5
—
ns
IE Enable Setup Time
t
IENS
5—
5
—
5
—
ns
IE Enable Hold Time
t
IENH
5—
5
—
5
—
ns
IE Disable Setup Time
t
IDSS
5—
5
—
5
—
ns
IE Disable Hold Time
t
IDSH
5—
5
—
5
—
ns
WE “H” Pulse Width
t
WWEH
5—
5
—
10
—
ns
WE “L” Pulse Width
t
WWEL
5—
5
—
10
—
ns
IE “H” Pulse Width
t
WIEH
5—
5
—
10
—
ns
IE “L” Pulse Width
t
WIEL
5—
5
—
10
—
ns
RSTW Setup Time
t
RSTWS
3—
3
—
3
—
ns
RSTW Hold Time
t
RSTWH
5—
10
—
10
—
ns
SRCK “H” Pulse Width
t
WSRH
10
—
12
—
15
—
ns
SRCK “L” Pulse Width
t
WSRL
10
—
12
—
15
—
ns
RE Enable Setup Time
t
RENS
5—
5
—
5
—
ns
RE Enable Hold Time
t
RENH
5—
5
—
5
—
ns
RE Disable Setup Time
t
RDSS
5—
5
—
5
—
ns
RE Disable Hold Time
t
RDSH
5—
5
—
5
—
ns
OE Enable Setup Time
t
OENS
5—
5
—
5
—
ns
OE Enable Hold Time
t
OENH
5—
5
—
5
—
ns
OE Disable Setup Time
t
ODSS
5—
5
—
5
—
ns
OE Disable Hold Time
t
ODSH
5—
5
—
5
—
ns
RE “H” Pulse Width
t
WREH
5—
5
—
10
—
ns
RE “L” Pulse Width
t
WREL
5—
5
—
10
—
ns
OE “H” Pulse Width
t
WOEH
5—
5
—
10
—
ns
OE “L” Pulse Width
t
WOEL
5—
5
—
10
—
ns
RSTR Setup Time
t
RSTRS
3—
3
—
3
—
ns
RSTR Hold Time
t
RSTRH
5—
10
—
10
—
ns
SWCK Cycle Time
t
SWC
20
—
25
—
30
—
ns
SRCK Cycle Time
t
SRC
20
—
25
—
30
—
ns
Transition Time (Rise and Fall)
t
T
330
3
30
3
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com