Electronic Components Datasheet Search
  English  ▼

X  

MSM7584C Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM7584C
Description  pi /4 Shift QPSK MODEM/ADPCM CODEC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7584C Datasheet(HTML) 2 Page - OKI electronic componets

  MSM7584C Datasheet HTML 1Page - OKI electronic componets MSM7584C Datasheet HTML 2Page - OKI electronic componets MSM7584C Datasheet HTML 3Page - OKI electronic componets MSM7584C Datasheet HTML 4Page - OKI electronic componets MSM7584C Datasheet HTML 5Page - OKI electronic componets MSM7584C Datasheet HTML 6Page - OKI electronic componets MSM7584C Datasheet HTML 7Page - OKI electronic componets MSM7584C Datasheet HTML 8Page - OKI electronic componets MSM7584C Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
¡ Semiconductor
MSM7584C
2/57
BLOCK DIAGRAM
IFIN
RXD
PDN0
PDN1
PDN2
I+
I–
Q+
Q–
DIN
EXCK
DEN
DOUT
RESET
RO0 to RO1
SGM
SGCR
SGCT
AIN–
AIN+
GSX
PWI
AOUT–
AOUT+
VFRO
SAO
RXC
RXSC
VDDM
DGM
AGM
RPR
AFC/RCW
SLS
BSTO
TXD
TXW
TXCI
TXCO
RSGAIN
RSSI
SGRS
DIO
WE
SAD
SAS
TAS
RWCK
CS1
CS2
VOXO
IS
PCMSI
PCMSO
BCLK
SYNC
PCMRI
PCMRO
IR
VOXI
RXMUTE
MLV2
MLV1
MLV0
Phase detector
Delay detector
IFSEL
(From CR)
D
E
C
SL1
SL2
AFC
DPLL
S
E
L
+1
–1
+1
–1
DC adjust
DC adjust
LPF
LPF
ATT
ATT
D/A
D/A
Root Nyquist
LPF
S/P
MAPPING
PLL
1/10
384k
3.84M
To D/A
TXCSEL
(From CR)
Control
register
To MODEM
To CODEC
8b
A/D
Conv.
+
–
Offset adjust
2b
To internal SG
inside modem
Receiver
Transmitter
R
VREF
Serial
Register
Controller
–
+
RC
filter
A/D
converter
BPF
TONE
generator
Voice
Detect
Com-
pander
ADPCM
CODER
ATT
–
+
150 W driving AMP
+1
–1
Noise
generator
Power detect
+1
RC
filter
D/A
converter
LPF
ATT
SW1
SW2
VDD
SW3
SW4 SW5
ATT
S
E
L
S
E
L
Expander
ADPCM
DECODER
From CR
P/S
&
S/P
S
E
L
++
T
Judge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com