Electronic Components Datasheet Search
  English  ▼

X  

MSM7584C Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM7584C
Description  pi /4 Shift QPSK MODEM/ADPCM CODEC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7584C Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM7584C Datasheet HTML 17Page - OKI electronic componets MSM7584C Datasheet HTML 18Page - OKI electronic componets MSM7584C Datasheet HTML 19Page - OKI electronic componets MSM7584C Datasheet HTML 20Page - OKI electronic componets MSM7584C Datasheet HTML 21Page - OKI electronic componets MSM7584C Datasheet HTML 22Page - OKI electronic componets MSM7584C Datasheet HTML 23Page - OKI electronic componets MSM7584C Datasheet HTML 24Page - OKI electronic componets MSM7584C Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
¡ Semiconductor
MSM7584C
21/57
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
High Level Output Voltage
Low Level Output Voltage
Output Leakage Current
Input Capacitance
Symbol
VOH1
VOL
IO
Condition
IOH = 0.4 mA
IOL = –1.2 mA (IS pin is pulled
up with 500 W resistor)
IS pin
Min.
0.5 ¥ VDD
0
—
Typ.
—
0.2
—
Max.
VDD
0.4
10
Unit
V
V
mA
CIN
—
—5—
pF
(VDD = 2.7 V to 3.6 V, Ta = –25°C to +70°C)
0.8 ¥ VDD
IDD1
Mode A (When VDD = 3.0 V)
—
0.03
0.1
mA
IDD2
Mode B (When VDD = 3.0 V)
—
4.5
10.0
mA
IDD3
Mode C (When VDD = 3.0 V)
—
4.5
10.0
mA
IDD4
Mode D (When VDD = 3.0 V)
—
10.5
22.0
mA
IDD5
Mode E (When VDD = 3.0 V)
—
8.5
18.0
mA
IDD6
Mode F (When VDD = 3.0 V)
—
13.0
27.0
mA
Power Supply Current (Modem)
(When CODEC is in a
Power Down State)
Input Leakage Current
IIH
IIL
VI = VDD
VI = 0 V
—
—
—
—
2.0
0.5
mA
mA
Power Supply Current (CODEC)
(When Modem is in a Power
Down State)
IDD7
IDD9
When operating*
(When no signal, and VDD = 3.0 V)
When powered down
(When VDD = 3.0 V)
—
—
11.0
0.03
18.0
0.1
mA
mA
IDD8
IOH = 1 mA—
VDD
V
—
7.0
15.0
mA
Power Supply Current
(RSSI-ADC)
IDD10
CR22–B3 = "1"
(When VDD = 3.0 V)
—
2.0
4.0
mA
VOH2
*IDD7 applies when CRC0 - B0 = "0" and CR22 - B3 = "0"; IDD8 applies when operating in other
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com