Electronic Components Datasheet Search
  English  ▼

X  

ML60851C Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML60851C
Description  USB Device Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML60851C Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML60851C Datasheet HTML 17Page - OKI electronic componets ML60851C Datasheet HTML 18Page - OKI electronic componets ML60851C Datasheet HTML 19Page - OKI electronic componets ML60851C Datasheet HTML 20Page - OKI electronic componets ML60851C Datasheet HTML 21Page - OKI electronic componets ML60851C Datasheet HTML 22Page - OKI electronic componets ML60851C Datasheet HTML 23Page - OKI electronic componets ML60851C Datasheet HTML 24Page - OKI electronic componets ML60851C Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
PEDL60851C-02
1Semiconductor
ML60851C
21/67
Revision Register (REVISION)
Read address
CDh
Write address
—
D7
D6
D5
D4
D3
D2
D1
D0
After a hardware reset
After a bus reset
Definition
Revision No. of Chip
Transmit FIFO Clear Register (CLRFIFO)
Read address
—
Write address
4Eh
D7
D6
D5
D4
D3
D2
D1
D0
After a hardware reset
Cannot be read (indeterminate)
After a bus reset
Cannot be read (indeterminate)
Definition
0
0
0
0
EP1 to EP3 FIFO Clear: When each EP has been set for transmission, by writing a “1” in these bits, the
corresponding FIFOs are cleared at the Write pulse and also the corresponding EP
Packet Ready bits are reset.
EP1 Transmit FIFO Clear
EP2 Transmit FIFO Clear
EP3 Transmit FIFO Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com