Electronic Components Datasheet Search
  English  ▼

X  

ML60851C Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML60851C
Description  USB Device Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML60851C Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML60851C Datasheet HTML 9Page - OKI electronic componets ML60851C Datasheet HTML 10Page - OKI electronic componets ML60851C Datasheet HTML 11Page - OKI electronic componets ML60851C Datasheet HTML 12Page - OKI electronic componets ML60851C Datasheet HTML 13Page - OKI electronic componets ML60851C Datasheet HTML 14Page - OKI electronic componets ML60851C Datasheet HTML 15Page - OKI electronic componets ML60851C Datasheet HTML 16Page - OKI electronic componets ML60851C Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
PEDL60851C-02
1Semiconductor
ML60851C
13/67
Packet Error Register (PKTERR)
Read address
C2h
Write address
—
D7
D6
D5
D4
D3
D2
D1
D0
After a hardware reset
000
0000
0
After a bus reset
000
0000
0
Definition
0
0
00
Each bit is asserted when the corresponding error occurs and is deasserted when SOP is received.
This register is used to report the error information. This register is useful for the tests during development, or for
preparing the error frequency measurement report. This register is not particularly required for the specification of
commercial a product.
FIFO Status Register 1 (FIFOSTAT1)
Read address
C3h
Write address
—
D7
D6
D5
D4
D3
D2
D1
D0
After a hardware reset
000
0101
0
After a bus reset
000
0101
0
Definition
0
0
00
This register reports the statuses of the EP0RXFIFO and the FIFO for EP1. Normally, there is no need to read this
register because it is sufficient to read the packet ready status before reading out or writing in a FIFO.
Receive FIFO0 Full:
This bit becomes “1” when 8-bytes of data are stored in the EP0RXFIFO. This bit is
not set to “1” when a packet less than 8 bytes long (a short packet) is stored in.
Receive FIFO0 Empty: This bit will be “1” when the EP0RXFIFO0 is empty.
FIFO1 Full:
This bit becomes “1” when 64 bytes of data is stored in the FIFO for EP1. This is true
during both transmission and reception. This bit does not become “1” in the case of a
short packet. The FIFO for EP1 has a two-layer structure and can store up to 128
bytes of data. This bit indicates the status of the FIFO in which data being written at
that time. In other words, this bit indicates the status of the FIFO into which the host
computer is writing data when EP1 is receiving data, and of the FIFO into which the
local MCU is writing data when EP1 is transmitting data.
FIFO1 Empty:
This bit becomes “1” when the FIFO for EP1 is empty. This is true during both
transmission and reception. The FIFO for EP1 has a two-layer structure and can store
up to 128 bytes of data. This bit indicates the status of the FIFO which is being read
out at that time.
Bit stuff error (R)
Data CRC error (R)
Address CRC error (R)
PID Error (R)
Receive FIFO0 Full (R)
Receive FIFO0 Empty (R)
FIFO1 Full (R)
FIFO1 Empty (R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com