Electronic Components Datasheet Search
  English  ▼

X  

ML69240 Datasheet(PDF) 2 Page - OKI electronic componets

Part # ML69240
Description  Intelligent Microcontroller Driven Dual Smartcard Reader IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML69240 Datasheet(HTML) 2 Page - OKI electronic componets

  ML69240 Datasheet HTML 1Page - OKI electronic componets ML69240 Datasheet HTML 2Page - OKI electronic componets ML69240 Datasheet HTML 3Page - OKI electronic componets ML69240 Datasheet HTML 4Page - OKI electronic componets ML69240 Datasheet HTML 5Page - OKI electronic componets ML69240 Datasheet HTML 6Page - OKI electronic componets ML69240 Datasheet HTML 7Page - OKI electronic componets ML69240 Datasheet HTML 8Page - OKI electronic componets ML69240 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ML69240-C49
2 of 13
Software Support
Windows 32bit DLL. Driver source code available (for other platforms)
Sample host source code
Trainer application (Windows based)
(Note: Software developed by Applied Card Technologies Ltd)
Notice:
The ML69240-C49 was designed to conform to ISO/IEC 7816-3 second edition 1997 with the
following limitations:
1)
The ML69240-C49 operates under Class A (5V) only, hence the class indicator in the
ATR is received but not examined.
2)
The asynchronous clock provided is fixed at 3.5795 MHz and Clock stop is not supported.
3)
The supported ICC data rate is fixed at 9600 baud. It is recommended that the host to IFD
communication speed be kept at 19200 baud and above to avoid under or overruns.
4)
The Vpp line is kept in the Pause state once the card is powered up under asynchronous
conditions, but does not supply any programming power.
5)
The ML69240-C49 uses the host to buffer the data, hence it supports the maximum block
size, but requires the host to participate in error recovery and retransmission of T=1
blocks as well as the reception of blocks with the chaining flag set.
6)
The NAD is fixed at 0.
As OKI cannot guarantee proper operation with any type of IC-card, we strongly recommend
to evaluate the functional and electrical characteristics in combination with the possible IC-
cards before design-in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com