Electronic Components Datasheet Search
  English  ▼

X  

ML69240 Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML69240
Description  Intelligent Microcontroller Driven Dual Smartcard Reader IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML69240 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML69240 Datasheet HTML 4Page - OKI electronic componets ML69240 Datasheet HTML 5Page - OKI electronic componets ML69240 Datasheet HTML 6Page - OKI electronic componets ML69240 Datasheet HTML 7Page - OKI electronic componets ML69240 Datasheet HTML 8Page - OKI electronic componets ML69240 Datasheet HTML 9Page - OKI electronic componets ML69240 Datasheet HTML 10Page - OKI electronic componets ML69240 Datasheet HTML 11Page - OKI electronic componets ML69240 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ML69240-C49
8 of 13
ELECTRICAL CHARACTERISTICS
DC CHARACTERISTICS
(VCC=4.5 to 5.5V, VSS=0V, Clock = 14.7456MHz, Ta=-40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input Low Voltage
VIL
-
-0.5
-
0.2VCC-0.1
V
Input High Voltage
VIH
Except XTAL1 and
RESET
0.2VCC+0.9
-
VCC +0.5
V
Input High Voltage
VIH1
XTAL1 and RESET
0.7 VCC
-
VCC +0.5
V
Output Low Voltage
*1
VOL
IOL=1.6mA
-
-
0.45
V
Output Low Voltage
*2
VOL1
IOL=3.2mA
-
-
0.45
V
IOH=-60µA
2.4
-
-
V
IOH=-30µA
0.75VCC
-
-
V
Output High Voltage
*1
VOH
IOH=-10µA
0.9VCC
-
-
V
IOH=-400µA
VCC =5V±10%
-2.4
-
-
V
IOH=-150µA
0.75VCC
-
-
V
Output High Voltage
*2
VOH1
IOH=-40µA
0.9VCC
-
-
V
Logical 0 Input Current/
Logical 1 Output Current
*1
IIL/IOH
VI=0.45V /
VO=0.45V
-5
-20
-80
µA
Logical 1 to 0 Transistion
Output Current
*1
ITL
VI=2.0V
-
-190
-500
µA
Input Leakage Current
(AD0~7 floating)
ILI
VSS < VI < VCC
-
-
±10
µA
RESET Pull-down
Resistance
RRST
-
20
40
125
k
Ω
Pin Capacitance (except
XTAL1)
CIO
Ta=25°C, f=1MHz
-
-
10
pF
Power Supply Current
ICC
f=14.7456MHz
-
-
25
mA
Power Down Current
IPD
-
-
1
50
µA
*1) E, ENABLE, TX, CTS, OUTPUT, I/O1~4, A8~15, SELECT1/2
*2) AD0~7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com