Electronic Components Datasheet Search
  English  ▼

X  

BIS0102 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS0102
Description  HF (13.56 MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS0102 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS0102 Datasheet HTML 1Page - Balluff Korea Ltd. BIS0102 Datasheet HTML 2Page - Balluff Korea Ltd. BIS0102 Datasheet HTML 3Page - Balluff Korea Ltd. BIS0102 Datasheet HTML 4Page - Balluff Korea Ltd. BIS0102 Datasheet HTML 5Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HF (13.56 MHz)
BIS M-401-072-001-07-S4
Order Code: BIS0102
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 228505
ETIM 6.0: EC002998
BIS0102_2.26_2021-07-09
1 / 5
1) Sensing surface, 2) Data carrier, 3) Clear zone, 4) LED (Power), 5) LED (TP), 6) Tightening torque
Basic features
Antenna type
round
Approval/Conformity
CE
FCC Part 15
IC RSS-210
cULus
EAC
WEEE
EN 55022
Gr. 1, Cl. A
Principle of operation
Processor unit
Display/Operation
Function indicator
LED yellow
TP (Tag Present)
Green LED
Power (ON)
Electrical connection
Connection
M12x1-Male, 4-pin, A-coded
Electrical data
Current consumption max. at 24 V DC 150 mA
EN 300330-1
Power Class 5
Operating voltage Ub
18...30 VDC Supports only LPS/
Class 2
Residual ripple max.
1.3 Vpp
Transfer rate
COM2 (38.4 kBaud)
Environmental conditions
Ambient temperature
0...70 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67
Storage temperature
-20...85 °C


Similar Part No. - BIS0102

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS0103 BALLUFF-BIS0103 Datasheet
410Kb / 4P
HF (13.56 MHz)
2.26_2021-07-09
BIS0104 BALLUFF-BIS0104 Datasheet
539Kb / 5P
HF (13.56 MHz)
BIS0105 BALLUFF-BIS0105 Datasheet
719Kb / 5P
HF (13.56 MHz)
BIS0106 BALLUFF-BIS0106 Datasheet
459Kb / 4P
HF (13.56 MHz)
BIS0108 BALLUFF-BIS0108 Datasheet
817Kb / 5P
HF (13.56 MHz)
More results

Similar Description - BIS0102

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS0133 BALLUFF-BIS0133 Datasheet
923Kb / 5P
HF (13.56 MHz)
BIS0157 BALLUFF-BIS0157 Datasheet
550Kb / 3P
HF (13.56 MHz)
BAE00JL BALLUFF-BAE00JL Datasheet
111Kb / 2P
HF (13.56 MHz)
BIS0132 BALLUFF-BIS0132 Datasheet
1Mb / 6P
HF (13.56 MHz)
BIS0179 BALLUFF-BIS0179 Datasheet
1Mb / 6P
HF (13.56 MHz)
BIS0104 BALLUFF-BIS0104 Datasheet
539Kb / 5P
HF (13.56 MHz)
BIS0105 BALLUFF-BIS0105 Datasheet
719Kb / 5P
HF (13.56 MHz)
BIS0175 BALLUFF-BIS0175 Datasheet
128Kb / 3P
HF (13.56 MHz)
BIS015T BALLUFF-BIS015T Datasheet
667Kb / 4P
HF (13.56 MHz)
2.2_2021-07-14
BIS018A BALLUFF-BIS018A Datasheet
1Mb / 6P
HF (13.56 MHz)
1.22_2021-07-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com