Electronic Components Datasheet Search
  English  ▼

X  

BIS0102 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS0102
Description  HF (13.56 MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS0102 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS0102 Datasheet HTML 1Page - Balluff Korea Ltd. BIS0102 Datasheet HTML 2Page - Balluff Korea Ltd. BIS0102 Datasheet HTML 3Page - Balluff Korea Ltd. BIS0102 Datasheet HTML 4Page - Balluff Korea Ltd. BIS0102 Datasheet HTML 5Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HF (13.56 MHz)
BIS M-401-072-001-07-S4
Order Code: BIS0102
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 228505
ETIM 6.0: EC002998
BIS0102_2.26_2021-07-09
2 / 5
Functional Characteristics
Supported data carrier types
DIN 
ISO 
14443
DIN ISO 15693
Interface
Interface
IO-Link 1.1
Process data IN
32 bytes
Material
Housing material
PBT
Mechanical data
Application weight
380.00 g
Dimension
80 x 40 x 84.5 mm
Installation
metal-free (clear zone)
Remarks
For basic equipment see IO-Link catalog.
When installing, the technical standards and regulations of the corresponding countries must be observed.
Values are under rated conditions unless otherwise specified.
Order accessories separately.
For installation in metal: Observe clear zone.
Connector Drawings
1) View towards connector
2) BSI service interface
3) Do not connect power
4) (Only for Balluff Service)
Help Views



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com