Electronic Components Datasheet Search
  English  ▼

X  

MSM9554 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM9554
Description  LSI Devices for FM Multiplex Data Demodulation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9554 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM9554 Datasheet HTML 1Page - OKI electronic componets MSM9554 Datasheet HTML 2Page - OKI electronic componets MSM9554 Datasheet HTML 3Page - OKI electronic componets MSM9554 Datasheet HTML 4Page - OKI electronic componets MSM9554 Datasheet HTML 5Page - OKI electronic componets MSM9554 Datasheet HTML 6Page - OKI electronic componets MSM9554 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
¡ Semiconductor
MSM9554/MSM9555
4
PIN DESCRIPTION
Function
Pin
Type
Description
Micro-
controller
interface
16
I
Write signal to internal register
18
I
Read signal to internal register
15
O
Interrupt signal to microcontroller. "L": Occurrence of an
interrupt
31
I
Chip select signal.
"L": Read, write, and data bus signals valid
40
I
"L" initializes internal registers, and the device enters
power down mode
33 to 38
I
Address signal to internal register
19 to 26
I/O
Data bus signal to internal register
6
I
FM multiplex signal input
5
O
Analog reference voltage output pin. To prevent noise,
connect a capacitor between this pin and analog ground.
1
O
Analog section waveform monitor pin. The analog block is
specified by the analog control register.
2
I
Analog signal input pin for testing
41
42
I
Digital section test signal input pins. Internally pulled up.
8 to 14
O
Digital section test signal output and monitor output pins
29
I
8.192MHz crystal oscillator connection pin
30
O
8.192MHz crystal oscillator connection pin
32
O
Pin for supply of 64kHz to 8.192MHz clock to the outside
7
I
XOUT output control pin.
"L"=Clock output, "H"=Output disabled. Pulled up internally.
3
—
Analog section power supply pin
4
—
Analog ground pin
28
—
Digital section power supply pin
27
—
Digital ground pin
Tuner
interface
Analog
section test
Digital
section test
Clock
Power
supply
Symbol
WR
RD
INT
CS
CLR
A0 to A5
DB0 to DB7
AIN
SG
MON
ADETIN
IORD
IOWR
MOUT0 to
MOUT6
XTAL1
XTAL2
XOUT
XOUTC
AVDD
AGND
DVDD
DGND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com