Electronic Components Datasheet Search
  English  ▼

X  

MSM9554 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM9554
Description  LSI Devices for FM Multiplex Data Demodulation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9554 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM9554 Datasheet HTML 1Page - OKI electronic componets MSM9554 Datasheet HTML 2Page - OKI electronic componets MSM9554 Datasheet HTML 3Page - OKI electronic componets MSM9554 Datasheet HTML 4Page - OKI electronic componets MSM9554 Datasheet HTML 5Page - OKI electronic componets MSM9554 Datasheet HTML 6Page - OKI electronic componets MSM9554 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
MSM9554/MSM9555
¡ Semiconductor
ABSOLUTE MAXIMUM RATINGS (MSM9554)
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage
AVDD=DVDD
Ta=25°C
AVDD
DVDD
–0.3 to +7.0
V
Input voltage
Output voltage
VI
VO
–0.3 to AVDD+0.3
–0.3 to DVDD+0.3
Maximum power dissipation
Ta=25°C per package
PD
400
mW
Ta=25°C per output
50
Storage temperature
—
TSTG
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS (MSM9554)
Parameter
Symbol
Condition
Range
Unit
Power supply voltage
AVDD=DVDD
AVDD
DVDD
4.5 to 5.5
V
Applied Pin
AVDD
DVDD
Crystal frequency
—
fXTAL
8.192MHz ±100ppm
—
XTAL1
XTAL2
FM multiplex signal input
voltage
Composite signals,
including multiplex
signals
VAIN
0.5 to 2
VP-P
AIN
Operating temperature
—
TOP
–40 to +85
°C
—
ELECTRICAL CHARACTERISTICS (MSM9554)
Parameter
Symbol
Condition
Min.
Unit
Current consumption
During operation, No load
f=8.192MHz
IDD
—
Applied Pin
AVDD
DVDD
Typ. Max.
18
34
mA
During power down, No load
——20
mA
BPF pass band attenuation
72 - 80kHz
Variable gain amplifier
gain: 0dB
GAIN1
—
MON
—
3.0
dB
BPF reject band attenuation
0 - 53kHz
Variable gain amplifier
gain: 0dB
GAIN2
50
MON
——
dB
BPF reject band attenuation
100 - 500kHz
Variable gain amplifier
gain: 0dB
GAIN3
50
MON
——
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com