Electronic Components Datasheet Search
  English  ▼

X  

DLPC3420 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3420
Description  DLPC3420 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3420 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC3420 Datasheet HTML 1Page - Texas Instruments DLPC3420 Datasheet HTML 2Page - Texas Instruments DLPC3420 Datasheet HTML 3Page - Texas Instruments DLPC3420 Datasheet HTML 4Page - Texas Instruments DLPC3420 Datasheet HTML 5Page - Texas Instruments DLPC3420 Datasheet HTML 6Page - Texas Instruments DLPC3420 Datasheet HTML 7Page - Texas Instruments DLPC3420 Datasheet HTML 8Page - Texas Instruments DLPC3420 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
DLPC3420 Display Controller
1 Features
• Display controller for DLP160AP (0.16 QnHD)
DMD
– Supports input resolutions up to QnHD
– Low-power DMD interface with interface
training
• Input frame rates up to 60 Hz
• Pixel data processing:
– Content adaptive illumination control (CAIC)
– 1D Keystone correction
– Color coordinate adjustment
– Active power management processing
– Programmable degamma
– Color space conversion
– 4:2:2 to 4:4:4 chroma interpolation
• 24-bit, input pixel interface support:
– Parallel or BT656, interface protocols
– Pixel clock up to 155 MHz
– Multiple input pixel data format options
• MIPI® DSI (display serial interface) type 3:
– 1-4 lanes, up to 470-Mbps lane speed
• External flash support
• Auto DMD parking at power down
• Embedded frame memory (eDRAM)
• System features:
– I2C device control
– Programmable splash screens
– Programmable LED current control
– Display image rotation
• Pair with DLPA2000 and DLPA2005 PMIC (power
management integrated circuit) and LED driver
2 Applications
• Mobile projector
• Smart display
• Smartphone
• Augmented reality glasses
• Smart home displays
• Pico projectors
3 Description
The DLPC3420 digital controller, part of the
DLP160AP (0.16 QnHD) chipset, enables operation of
the DLP160AP digital micromirror device (DMD). The
DLPC3420 controller provides a convenient, multi-
functional interface between user electronics and the
DMD, enabling small form factor and low power
display applications.
Visit the getting started with TI DLP®Pico™ display
technology page, and view the programmer's guide to
learn how to get started.
The chipset includes established resources to help
the user accelerate the design cycle, which include
production ready optical modules, optical module
manufacturers, and design houses.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLPC3420
NFBGA (176)
7.00 mm × 7.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Illumination
optics
DLPC34xx
DMD
DLPA200x
VOFFSET,
VBIAS,
VRESET
RLIM
VCC_18
VCC_INTF
VCC_FLSH
1.8 V
VDD
VDDLP12
SPI0
SPI1
RESETZ
PARKZ
GPIO_8
1.8 V
1.8 V
I
2
C
HOST_IRQ
DSI (10)
Parallel
(28)
SPI (4)
VLED
CTRL
Sub-LVDS
SYSPWR
1.8 V external
PROJ_ON
Simplified Application
DLPC3420
DLPS232 – OCTOBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - DLPC3420

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC3421 TI-DLPC3421 Datasheet
1Mb / 63P
DLPC3421 Display Controller
DLPS231 ??OCTOBER 2021
DLPC3421CZVB TI-DLPC3421CZVB Datasheet
1Mb / 63P
DLPC3421 Display Controller
DLPS231 ??OCTOBER 2021
DLPC3421ZVB TI-DLPC3421ZVB Datasheet
1Mb / 63P
DLPC3421 Display Controller
DLPS231 ??OCTOBER 2021
DLPC3426 TI-DLPC3426 Datasheet
1Mb / 68P
DLPC3436 and DLPC3426 Display Controllers
REVISED APRIL 2023
DLPC3426CZVB TI-DLPC3426CZVB Datasheet
1Mb / 68P
DLPC3436 and DLPC3426 Display Controllers
REVISED APRIL 2023
More results

Similar Description - DLPC3420

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB88F322 FUJITSU-MB88F322 Datasheet
1Mb / 2P
Graphics Display Controller
logo
Grayhill, Inc
3J0005-200N GRAYHILL-3J0005-200N Datasheet
1Mb / 2P
Vehicle Display Controller
logo
Texas Instruments
DLPC3430 TI1-DLPC3430 Datasheet
1Mb / 59P
Display Controller
DLPC3433 TI1-DLPC3433 Datasheet
1Mb / 62P
Display Controller
DLPC3439 TI1-DLPC3439 Datasheet
2Mb / 63P
Display Controller
DLPC3437 TI1-DLPC3437 Datasheet
374Kb / 9P
Display Controller
DLPC3432 TI1-DLPC3432 Datasheet
2Mb / 60P
Display Controller
logo
Renesas Technology Corp
TW8832 RENESAS-TW8832 Datasheet
154Kb / 3P
TFT Display Controller
logo
Texas Instruments
DLPC3436 TI1-DLPC3436 Datasheet
170Kb / 8P
Display Controller
logo
Epson Company
S1D13513 EPSON-S1D13513 Datasheet
116Kb / 2P
Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com