Electronic Components Datasheet Search
  English  ▼

X  

DLPC3420 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3420
Description  DLPC3420 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3420 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DLPC3420 Datasheet HTML 14Page - Texas Instruments DLPC3420 Datasheet HTML 15Page - Texas Instruments DLPC3420 Datasheet HTML 16Page - Texas Instruments DLPC3420 Datasheet HTML 17Page - Texas Instruments DLPC3420 Datasheet HTML 18Page - Texas Instruments DLPC3420 Datasheet HTML 19Page - Texas Instruments DLPC3420 Datasheet HTML 20Page - Texas Instruments DLPC3420 Datasheet HTML 21Page - Texas Instruments DLPC3420 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
6.9 DMD Low-Speed Interface Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER(3)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH(DC)
DC output high voltage for DMD_LS_WDATA
and DMD_LS_CLK
0.7 ×
VCC18
V
VOL(DC)
DC output low voltage for DMD_LS_WDATA
and DMD_LS_CLK
0.3 ×
VCC18
V
VOH(AC) (1)
AC output high voltage for DMD_LS_WDATA
and DMD_LS_CLK
0.8 ×
VCC18
VCC18 +
0.5
V
VOL(AC) (2)
AC output low voltage for DMD_LS_WDATA
and DMD_LS_CLK
–0.5
0.2 ×
VCC18
V
Slew rate
DMD_LS_WDATA and DMD_LS_CLK
VOL(DC) to VOH(AC) for rising edge
and VOH(DC) to VOL(AC) for rising
edge
1.0
3.0
V/ns
DMD_DEN_ARSTZ
VOL(AC) to VOH(AC) for rising edge
0.25
DMD_LS_RDATA
0.5
(1)
VOH(AC) maximum applies to overshoot. When the DMD_LS_WDATA and DMD_LS_CLK lines include a proper 43-Ω series termination
resistor, the DMD operates within the LPSDR input AC specifications.
(2)
VOL(AC) minimum applies to undershoot. When the DMD_LS_WDATA and DMD_LS_CLK lines include a proper 43-Ω series
termination resistor, the DMD operates within the LPSDR input AC specifications.
(3)
See Figure 6-3 for DMD_LS_CLK, and DMD_LS_WDATA rise and fall times. See Figure 6-4 for DMD_DEN_ARSTZ rise and fall times.
LS_CLK, LS_WDATA
20
10
40
30
60
50
80
70
100
90
0
tRISE
tFALL
VOH(AC)
VOL(AC)
VOH(DC)
VOL(DC)
Figure 6-3. LS_CLK and LS_WDATA Slew Rate
DMD_DEN_ARSTZ
20
10
40
30
60
50
80
70
100
90
0
tRISE
tFALL
VOH(AC)
VOL(AC)
Figure 6-4. DMD_DEN_ARSTZ Slew Rate
DLPC3420
DLPS232 – OCTOBER 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com